Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP231A Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP231A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP231A Datasheet(HTML) 1 Page - Sipex Corporation

  SP231A Datasheet HTML 1Page - Sipex Corporation SP231A Datasheet HTML 2Page - Sipex Corporation SP231A Datasheet HTML 3Page - Sipex Corporation SP231A Datasheet HTML 4Page - Sipex Corporation SP231A Datasheet HTML 5Page - Sipex Corporation SP231A Datasheet HTML 6Page - Sipex Corporation SP231A Datasheet HTML 7Page - Sipex Corporation SP231A Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SP231ADS/01
SP231A Enhanced RS-232 Line Drivers/Receivers
© Copyright 2000 Sipex Corporation
1
SP231A/232A/233A/310A/312A
s Operates from Single 5V Power Supply
s Meets All RS-232D and V.28
Specifications
s Multiple Drivers and Receivers
s Small Charge Pump Capacitors –
0.1
µF
s Operates with 0.1
µF and 100µF
Capacitors
s High Data Rate – 120kbps Under Load
s High Output Slew Rate –
10V/
µs Under Load
s Low Power Shutdown
≤1µA
s 3-State TTL/CMOS Receiver Outputs
s
±30V Receiver Input Levels
s Low Power CMOS – 15mA Operation
DESCRIPTION…
The Sipex SP231A, SP232A and SP233A are enhanced versions of the Sipex SP231, SP232
and SP233 RS-232 line drivers/receivers. They are pin-for-pin replacements for these earlier
versions and will operate in their sockets. Performance enhancements include 10V/
µs slew rate,
120k bits per second guaranteed transmission rate, and increased drive current for longer and
more flexible cable configurations. Ease of use enhancements include smaller, 0.1
µF charge
pump capacitors, enhanced ESD protection, low power dissipation and overall ruggedized
construction for commercial environments. The series is available in plastic and ceramic DIP and
SOIC packages operating over the commercial, industrial and military temperature ranges.
R2
R1
T2
T1
TTL/CMOS INPUTS
RS-232 OUTPUTS
TTL/CMOS OUTPUTS
RS-232 INPUTS
CHARGE
PUMP
Enhanced RS-232 Line Drivers/Receivers
®


Similar Part No. - SP231A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP231A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232A EXAR-SP232A Datasheet
857Kb / 10P
Enhanced RS-232 Line Drivers/Receivers
SP233A EXAR-SP233A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
Enhanced RS-232 Line Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com