Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEB2-0820P Datasheet(PDF) 37 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 37 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 33Page - Tyco Electronics LEB2-0820P Datasheet HTML 34Page - Tyco Electronics LEB2-0820P Datasheet HTML 35Page - Tyco Electronics LEB2-0820P Datasheet HTML 36Page - Tyco Electronics LEB2-0820P Datasheet HTML 37Page - Tyco Electronics LEB2-0820P Datasheet HTML 38Page - Tyco Electronics LEB2-0820P Datasheet HTML 39Page - Tyco Electronics LEB2-0820P Datasheet HTML 40Page - Tyco Electronics LEB2-0820P Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
122
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
VF Clear Tedlar® overlaminate
Thermal Transfer
VF-X is a non-printable clear Tedlar® designed for use as an over
laminate for labels where resistance to UV light and weathering is
necessary. Adds further protection from chemicals, solvents,
abrasion, heat and moisture.
Features and benefits
I UV and weather resistant
I Ideal to use as an overlaminate in combination with all
printable Tyco Electronics labels
I Resistant to water, oil, cleaning agents and solvents
Specifications/Approvals
Tyco Electronics
TTDS-006
Adhesive
Permanent rubber-based
Service temperature
–53°C to +135°C
–65°F to +275°F
VF 508318 2.5 X
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com