Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEB2-0820P Datasheet(PDF) 39 Page - Tyco Electronics

Part # LEB2-0820P
Description  Label format - Old format order code cross reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEB2-0820P Datasheet(HTML) 39 Page - Tyco Electronics

Back Button LEB2-0820P Datasheet HTML 35Page - Tyco Electronics LEB2-0820P Datasheet HTML 36Page - Tyco Electronics LEB2-0820P Datasheet HTML 37Page - Tyco Electronics LEB2-0820P Datasheet HTML 38Page - Tyco Electronics LEB2-0820P Datasheet HTML 39Page - Tyco Electronics LEB2-0820P Datasheet HTML 40Page - Tyco Electronics LEB2-0820P Datasheet HTML 41Page - Tyco Electronics LEB2-0820P Datasheet HTML 42Page - Tyco Electronics LEB2-0820P Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
124
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C Vinyl cloth labels
Dot Matrix
Tyco Electronics C labels are dot matrix printable vinyl coated cloth
material with a permanent acrylic adhesive that is designed for
application to irregular surfaces where conformability is required. It is
ideal for permanent wire marking, or it can be flagged onto wires for
temporary marking. C labels are also ideal for electronic component
identification and other general purpose labeling applications. For
reliable print performance and durability, use with Tyco Electronics’s
1892BK01 ribbon.
Features and benefits
I Flexible, easily conforms to curved surfaces
I Dot matrix printable
I Several die-cut sizes available
I Excellent abrasion resistance
I Resistant to oil, water and several common fluids
Specifications/Approvals
Tyco Electronics
TTDS-053
Adhesive
Permanent acrylic
Service temperature
–29°C to +80°C
–20°F to +176°F
Recommended printer AM6310
Recommended ribbon 1892BK01
C-064064 -10-9
Part numbering system
Color
Pack size
Label height (mm)
Label width (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com