Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4501 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4501
Description  EL Plus Piezo Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4501 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4501 Datasheet HTML 2Page - Sipex Corporation SP4501 Datasheet HTML 3Page - Sipex Corporation SP4501 Datasheet HTML 4Page - Sipex Corporation SP4501 Datasheet HTML 5Page - Sipex Corporation SP4501 Datasheet HTML 6Page - Sipex Corporation SP4501 Datasheet HTML 7Page - Sipex Corporation SP4501 Datasheet HTML 8Page - Sipex Corporation SP4501 Datasheet HTML 9Page - Sipex Corporation SP4501 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
11-14-00
SP4501 EL Plus Piezo Driver
© Copyright 2000 Sipex Corporation
6
Figure 2: Test Circuit of the SP4501
Figure 1: Internal Block Diagram of SP4501
COIL
SP4501
fOSC
fLAMP
fLAMP
SCR1
SCR2
12
13
EL2
EL1
SCR3
SCR4
10
11
PZ2
PZ1
fPZ
fPZ
8
9
CAP
FF3
FF4
SELECTION
LOGIC
OSC
ROSC
EN
fOSC
SELECT
INT CLOCK
EXT CLOCK
CLOCK
SENSORY
CIRCUIT
ELEN
PZEN
PZCK
PZCK
1
5
1
2
3
VDD
14
VSS
7
ROSC
CPZ
SP4501
3
4
2
9
8
PZEN
1N4148
1
ELEN
PZ1
PZ2
PZCK
PZCK
5
6
7
N/C
14
13
12
11
10
+3V
VDD
EL2
EL1
COIL
CAP
+3V
1800pF
CEL
0.1
µF
VSS
+3V
820
µH*
*DC Resistance 13
Ω*
16nF
7.3nF, 2.5in
2
10nF
500k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com