Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4501 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4501
Description  EL Plus Piezo Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4501 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4501 Datasheet HTML 3Page - Sipex Corporation SP4501 Datasheet HTML 4Page - Sipex Corporation SP4501 Datasheet HTML 5Page - Sipex Corporation SP4501 Datasheet HTML 6Page - Sipex Corporation SP4501 Datasheet HTML 7Page - Sipex Corporation SP4501 Datasheet HTML 8Page - Sipex Corporation SP4501 Datasheet HTML 9Page - Sipex Corporation SP4501 Datasheet HTML 10Page - Sipex Corporation SP4501 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
11-14-00
SP4501 EL Plus Piezo Driver
© Copyright 2000 Sipex Corporation
7
PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
0
1000
2000
3000
4000
5000
6000
7000
frequency (Hz)
Figure 3: Supply Current and Cap Pin Voltage vs.
Oscillator Resistance.
Figure 5: Supply Current and Luminance vs. Supply
Voltage.
Figure 7: Piezo Output Voltage vs. PZCK Input
Frequency.
Figure 6: Supply Current and Luminance vs. Inductor
Value.
Figure 4: Lamp Frequency and Luminance vs.
Oscillator Frequency.
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
900
1000
Inductor Value (
µH)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Lumi.
0
10
20
30
40
50
60
70
80
90
100
200
400
600
800
1000
R
OSC (k Ω)
V
CAP,pk
I
DD
V
CAP,pk
100
150
200
250
300
350
400
450
500
550
600
200
400
600
800
1000
R
OSC (k Ω)
Freq.
Lumi.
0
20
40
60
80
100
120
140
2.0
3.0
4.0
5.0
6.0
V
DD (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Lumi.
V
CAP,pk
I
DD
I
DD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com