Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486 Datasheet(HTML) 6 Page - Sipex Corporation

  SP486 Datasheet HTML 1Page - Sipex Corporation SP486 Datasheet HTML 2Page - Sipex Corporation SP486 Datasheet HTML 3Page - Sipex Corporation SP486 Datasheet HTML 4Page - Sipex Corporation SP486 Datasheet HTML 5Page - Sipex Corporation SP486 Datasheet HTML 6Page - Sipex Corporation SP486 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SP486/487
Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
6
ORDERING INFORMATION
Quad RS485 Drivers:
Model .................................. Enable/Disable ........................ Temperature Range ......................... Package
SP486CS .......... Common; active Low and Active High ............ 0
°C to +70°C .................. 16–pin Plastic DIP
SP486CT .......... Common; active Low and Active High ............ 0
°C to +70°C ........................... 16–pin SOIC
SP486ES .......... Common; active Low and Active High .......... –40
°C to +85°C ................ 16–pin Plastic DIP
SP486ET .......... Common; active Low and Active High .......... –40
°C to +85°C ......................... 16–pin SOIC
SP487CS ............... One per driver pair; active High ................. 0
°C to +70°C .................. 16–pin Plastic DIP
SP487CT ............... One per driver pair; active High ................. 0
°C to +70°C ........................... 16–pin SOIC
SP487ES ............... One per driver pair; active High ............... –40
°C to +85°C ................ 16–pin Plastic DIP
SP487ET ............... One per driver pair; active High ............... –40
°C to +85°C ......................... 16–pin SOIC
3V
0V
5V
VOH
0V
VO
Output normally low
F = 1MHZ: tr < 10ns: tf < 10ns
tZL
tLZ
EN
VOL
1.5V
1.5V
2.3V
A, B
0.5V
tZH
2.3V
0.5V
tHZ
Output normally high
Figure 5. Driver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com