Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486 Datasheet(HTML) 1 Page - Sipex Corporation

  SP486 Datasheet HTML 1Page - Sipex Corporation SP486 Datasheet HTML 2Page - Sipex Corporation SP486 Datasheet HTML 3Page - Sipex Corporation SP486 Datasheet HTML 4Page - Sipex Corporation SP486 Datasheet HTML 5Page - Sipex Corporation SP486 Datasheet HTML 6Page - Sipex Corporation SP486 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SP486/487
Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
DESCRIPTION…
The SP486 and SP487 are low–power quad differential line drivers meeting RS-485 and RS-422
standards. The SP486 features a common driver enable control; the SP487 provides indepen-
dent driver enable controls for each pair of drivers. Both feature tri–state outputs and wide
common–mode input range. Both are available in 16–pin plastic DIP and SOIC packages.
s RS-485 or RS-422 Applications
s Quad Differential Line Drivers
s Tri–state Output Control
s 40ns Typical Driver Propagation
Delays
s 5ns Skew
s –7V to +12V Common Mode Output
Range
s 100
µA Supply Current
s Single +5V Supply Operation
s Pin Compatible with SN75172,
SN75174, LTC486, and LTC487
1
2
3
4
SP487
DI1
DO1A
DO1B
EN1/EN2
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN3/EN4
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
SP486
DI1
DO1A
DO1B
EN
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SP486/487
Quad RS-485/RS-422 Line Drivers
®


Similar Part No. - SP486

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486 EXAR-SP486 Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Sipex Corporation
SP486CS SIPEX-SP486CS Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486CT SIPEX-SP486CT Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com