Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3486 Datasheet (PDF) - Sipex Corporation

SP3486 Datasheet PDF - Sipex Corporation
Part # SP3486
Download  SP3486 Download
File Size   185.32 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V Low Power Quad RS-485/RS-422 Line Drivers

SP3486 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3486 Datasheet PDF - Sipex Corporation

Part # SP3486
Download  SP3486 Click to download

File Size   185.32 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V Low Power Quad RS-485/RS-422 Line Drivers

SP3486 Datasheet (HTML) - Sipex Corporation


SP3486 Product details

DESCRIPTION
The SP3486 and the SP3487 are +3.3V low power quad drivers that meet the specifications of the RS-485 and RS-422 serial protocols.
   
■ RS-485 or RS-422 Quad Differential
    Line Drivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Tri-state Output Control
■ -7V to +12V Common-Mode Input
    Voltage Range
■ Common Driver Enable Control (SP3486)
■ Independent Driver Enable Controls for
    each pair of Drivers (SP3487)
■ Compatibility with LTC486
    and SN75172 (SP3486)
■ Compatibility with LTC487
    and SN75174 (SP3487)
   




Similar Part No. - SP3486

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486CP SIPEX-SP3486CP Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486CT SIPEX-SP3486CT Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486EP SIPEX-SP3486EP Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486ET SIPEX-SP3486ET Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
More results


Similar Description - SP3486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com