Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3486 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3486
Description  3.3V Low Power Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3486 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3486 Datasheet HTML 1Page - Sipex Corporation SP3486 Datasheet HTML 2Page - Sipex Corporation SP3486 Datasheet HTML 3Page - Sipex Corporation SP3486 Datasheet HTML 4Page - Sipex Corporation SP3486 Datasheet HTML 5Page - Sipex Corporation SP3486 Datasheet HTML 6Page - Sipex Corporation SP3486 Datasheet HTML 7Page - Sipex Corporation SP3486 Datasheet HTML 8Page - Sipex Corporation SP3486 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
10/15/02
SP3486/3487 Low Power Quad RS485/422 Line Drivers
© Copyright 2002 Sipex Corporation
1
DESCRIPTION
The SP3486 and the SP3487 are +3.3V low power quad drivers that meet the specifications
of the RS-485 and RS-422 serial protocols. These devices are pin-to-pin compatible with
Sipex's SP486 and SP487 devices as well as popular industry standards. The SP3486 and
SP3487 feature Sipex's BiCMOS process allowing low power operation without sacrificing
performance. The SP3486 and SP3487 meet the electrical specifications of RS-485 and
RS-422 serial protocols up to 10Mbps under load. The SP3486 features a common driver
enable control. The SP3487 provides independent driver enable controls for each pair of
drivers. Both devices feature tri-state outputs and a -7V to +12V common-mode input voltage
range.
■ RS-485 or RS-422 Quad Differential
Line Drivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Tri-state Output Control
■ -7V to +12V Common-Mode Input
Voltage Range
■ Common Driver Enable Control (SP3486)
■ Independent Driver Enable Controls for
each pair of Drivers (SP3487)
■ Compatibility with LTC486
and SN75172 (SP3486)
■ Compatibility with LTC487
and SN75174 (SP3487)
1
2
3
4
SP3487
DI1
DO1A
DO1B
EN1/EN2
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN3/EN4
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
SP3486
DI1
DO1A
DO1B
EN
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SP3486 and SP3487
+3.3V Low Power Quad
RS-485/RS-422 Line Drivers
®


Similar Part No. - SP3486

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486CP SIPEX-SP3486CP Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486CT SIPEX-SP3486CT Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486EP SIPEX-SP3486EP Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3486ET SIPEX-SP3486ET Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP3486

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com