Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486E Datasheet (PDF) - Sipex Corporation

SP486E Datasheet PDF - Sipex Corporation
Part # SP486E
Download  SP486E Download
File Size   111.43 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Enhanced Quad RS-485/RS-422 Line Drivers

SP486E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP486E Datasheet PDF - Sipex Corporation

Part # SP486E
Download  SP486E Click to download

File Size   111.43 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Enhanced Quad RS-485/RS-422 Line Drivers

SP486E Datasheet (HTML) - Sipex Corporation


SP486E Product details

DESCRIPTION…
The SP486E and SP487E are low-power quad differential line drivers that meet the specifications of RS-485 and RS-422 serial protocols with enhanced ESD performance. The ESD tolerance has been improved on these devices to over +15kV for both Human Body Model and IEC1000-4-2 Air Discharge Method. These devices are superior drop-in replacements to Sipexs SP486 and SP487 devices as well as popular industry standards. As with the original versions, the SP486E features a common driver enable control and the SP487E provides independent driver enable controls for each pair of drivers. Both feature wide common-mode input ranges. Both are available in 16-pin plastic DIP and SOIC packages.

■ RS-485 or RS-422 Applications
■ Quad Differential Line Drivers
■ Driver Output Disable
■ –7V to +12V Common Mode Output Range
■ 100µA Supply Current
■ Single +5V Supply Operation
■ Superior Drop-in Replacement for SN75172, SN75174, LTC486, and LTC487
■ Improved ESD Specifications:
    +15kV Human Body Model
    +15kV IEC1000-4-2 Air Discharge
    +8kV IEC1000-4-2 Contact Discharge




Similar Part No. - SP486E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECP SIPEX-SP486ECP Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECT SIPEX-SP486ECT Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486EEP SIPEX-SP486EEP Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486EET SIPEX-SP486EET Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
More results


Similar Description - SP486E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com