Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP486E
Description  Enhanced Quad RS-485/RS-422 Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486E Datasheet(HTML) 1 Page - Sipex Corporation

  SP486E Datasheet HTML 1Page - Sipex Corporation SP486E Datasheet HTML 2Page - Sipex Corporation SP486E Datasheet HTML 3Page - Sipex Corporation SP486E Datasheet HTML 4Page - Sipex Corporation SP486E Datasheet HTML 5Page - Sipex Corporation SP486E Datasheet HTML 6Page - Sipex Corporation SP486E Datasheet HTML 7Page - Sipex Corporation SP486E Datasheet HTML 8Page - Sipex Corporation SP486E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
SP486E/487EDS/06
SP486E/487E Enhanced Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
DESCRIPTION…
The SP486E and SP487E are low-power quad differential line drivers that meet the
specifications of RS-485 and RS-422 serial protocols with enhanced ESD performance. The
ESD tolerance has been improved on these devices to over +15kV for both Human Body
Model and IEC1000-4-2 Air Discharge Method. These devices are superior drop-in replace-
ments to Sipex's SP486 and SP487 devices as well as popular industry standards. As with
the original versions, the SP486E features a common driver enable control and the SP487E
provides independent driver enable controls for each pair of drivers. Both feature wide
common-mode input ranges. Both are available in 16-pin plastic DIP and SOIC packages.
s RS-485 or RS-422 Applications
s Quad Differential Line Drivers
s Driver Output Disable
s –7V to +12V Common Mode Output
Range
s 100
µA Supply Current
s Single +5V Supply Operation
s Superior Drop-in Replacement for
SN75172, SN75174, LTC486, and
LTC487
s Improved ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
1
2
3
4
SP487E
DI1
DO1A
DO1B
EN1/EN2
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN3/EN4
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
SP486E
DI1
DO1A
DO1B
EN
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SP486E and SP487E
Enhanced Quad RS-485/RS-422 Line Drivers
®


Similar Part No. - SP486E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECP SIPEX-SP486ECP Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486ECT SIPEX-SP486ECT Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486EEP SIPEX-SP486EEP Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP486EET SIPEX-SP486EET Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
More results

Similar Description - SP486E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com