Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP486E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP486E
Description  Enhanced Quad RS-485/RS-422 Line Drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486E Datasheet(HTML) 2 Page - Sipex Corporation

  SP486E Datasheet HTML 1Page - Sipex Corporation SP486E Datasheet HTML 2Page - Sipex Corporation SP486E Datasheet HTML 3Page - Sipex Corporation SP486E Datasheet HTML 4Page - Sipex Corporation SP486E Datasheet HTML 5Page - Sipex Corporation SP486E Datasheet HTML 6Page - Sipex Corporation SP486E Datasheet HTML 7Page - Sipex Corporation SP486E Datasheet HTML 8Page - Sipex Corporation SP486E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
SP486E/487EDS/06
SP486E/487E Enhanced Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these or any other above those indicated
in the operation sections of the specifications below is
not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect
reliability.
V
CC .................................................................. +7V
Input Voltages
Logic .................................... –0.5V to (V
CC +0.5V)
Drivers ................................. –0.5V to (V
CC +0.5V)
Driver Output Voltage ................................... +14V
Input Currents
Logic ........................................................ +25mA
Driver ....................................................... +25mA
Storage Temperature ................. –65
°C to +150°C
Power Dissipation
Plastic DIP .............................................. 375mW
(derate 7mW/
°C above +70°C)
Small Outline .......................................... 375mW
(derate 7mW/
°C above +70°C)
Lead Temperature (soldering, 10 sec) ......... 300
°C
SPECIFICATIONS
V
CC = 5V±5%; typicals at 25°C; TMIN ≤ TA ≤ TMAX unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DC CHARACTERISTICS
Digital Inputs
DI, EN, EN, EN
1/EN2, EN3/EN4
Voltage
V
IL
0.8
Volts
V
IH
2.0
Volts
Input Current
+2
µAVIN = 0V to VCC
DRIVER OUTPUTS
Differential Voltage
V
CC
Volts
I
O = 0; unloaded
2
Volts
R
L = 50Ω(RS-422)
1.5
2
V
CC
Volts
R
L = 27(RS-485); Fig. 1
Change in Output Magnitude
0.2
Volts
R
L = 27or 50; Fig. 1
for Complementary Output State
Common Mode Output Voltage
2.3
3
Volts
R
L = 27or 50; Fig. 1
Change in Common Mode Output Magnitude
0.2
Volts
R
L = 27or 50; Fig. 1
for Complementary Output State
R
L = 50Ω (RS-422)
R
L = 27Ω (RS-485)
Maximum Data Rate
10
Mbps
Short–circuit Current
V
OH
+250
mA
–7V
≤V
O ≤ +12V
V
OL
+250
mA
–7V
≤V
O ≤ +12V
High Impedance Output Current
+2
+200
µAV
O = –7V to +12V
POWER REQUIREMENTS
Supply Voltage
4.75
5.00
5.25
Volts
Supply Current
0.5
10
mA
No load, output enabled
0.5
10
µA
No load, output disabled
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
–C
0
+70
°C
–E
–40
+85
°C
Storage Temperature
–65
+150
°C
Package
–_P
16–pin Plastic DIP
–_T
16–pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com