Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3488 Datasheet (PDF) - Sipex Corporation

SP3488 Datasheet PDF - Sipex Corporation
Part # SP3488
Download  SP3488 Download
File Size   174.67 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V Low Power Quad RS-485/RS-422 Line Receivers

SP3488 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3488 Datasheet PDF - Sipex Corporation

Part # SP3488
Download  SP3488 Click to download

File Size   174.67 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V Low Power Quad RS-485/RS-422 Line Receivers

SP3488 Datasheet (HTML) - Sipex Corporation


SP3488 Product details

DESCRIPTION…
The SP3488 and the SP3489 are +3.3V low power quad line receivers that meet the specifications of the RS-485 and RS-422 serial protocols. These devices are pin-to-pin compatible with Sipexs SP488 and SP489 devices as well as popular industry standards.

■ RS-485 or RS-422 Quad Differential Line Receivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Tri-state Output Control
■ -7V to +12V Common-Mode Input Voltage Range
■ Common Driver Enable Control (SP3488)
■ Independent Driver Enable Controls for each pair of Drivers (SP3489)
■ Compatibility with LTC488 and SN75173 (SP3488)
■ Compatibility with LTC489 and SN75175 (SP3489)




Similar Part No. - SP3488

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488CP SIPEX-SP3488CP Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488CT SIPEX-SP3488CT Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488EP SIPEX-SP3488EP Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488ET SIPEX-SP3488ET Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results


Similar Description - SP3488

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com