Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3488 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3488
Description  3.3V Low Power Quad RS-485/RS-422 Line Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3488 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3488 Datasheet HTML 1Page - Sipex Corporation SP3488 Datasheet HTML 2Page - Sipex Corporation SP3488 Datasheet HTML 3Page - Sipex Corporation SP3488 Datasheet HTML 4Page - Sipex Corporation SP3488 Datasheet HTML 5Page - Sipex Corporation SP3488 Datasheet HTML 6Page - Sipex Corporation SP3488 Datasheet HTML 7Page - Sipex Corporation SP3488 Datasheet HTML 8Page - Sipex Corporation SP3488 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10/16/02
SP3488/3489 Low Power Quad RS-485/422 Line Receivers
© Copyright 2002 Sipex Corporation
4
Pin 13 — RO
4 — Receiver 4 Output — If
Receiver 4 output is enabled, if RI
4A > RI4B by
200mV, Receiver 4 output is high. If Receiver 4
output is enabled, and if RI
4A < RI4B
by
200mV, Receiver 4 output is low.
Pin 14 — RI
4A — Receiver 4 input A.
Pin 15 — RI
4B — Receiver 4 input B.
Pin 16 — V
CC — Positive Supply +3.00V < VCC
< +3.60V
SP3489 PINOUT
Pin 1 — RI
1B — Receiver 1 input B.
Pin 2 — RI
1A — Receiver 1 input A.
Pin 3 — RO
1 — Receiver
1 Output — If
Receiver 1 output is enabled, if RI
1A > RI1B by
200mV, Receiver output is high. If Receiver 1
output is enabled, and if RI
1A < RI1B by 200mV,
Receiver 1 output is low.
Pin 4 — EN1/EN2 — Receiver 1 and 2 Output
Enable. Please refer to SP3489 Truth Table (2).
Pin 5 — RO
2 — Receiver 2 Output — If
Receiver 2 output is enabled, if RI
2A > RI2B by
200mV, Receiver 2 output is high. If Receiver 2
output is enabled, and if RI
2A < RI2B
by
200mV, Receiver 2 output is low.
Pin 6 — RI
2A — Receiver 2 input A.
Pin 7 — RI
2B — Receiver 2 input B.
Pin 8 — GND — Digital Ground.
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN
EN
RO
V
ID ≥ 0.2V
H
X
H
XL
H
–0.2V < V
ID < +0.2V
H
X
X
XL
X
V
ID ≤ 0.2V
H
X
L
XL
L
XL
H
Hi–Z
Table 1. SP3488 Truth Table
Pin 9 — RI
3B — Receiver 3 input B.
Pin 10 — RI
3A — Receiver 3 input A.
Pin 11 — RO
3 — Receiver 3 Output — If
Receiver 3 output is enabled, if RI
3A > RI3B by
200mV, Receiver 3 output is high. If Receiver 3
output is enabled, and if RI
3A < RI3B
by
200mV, Receiver 3 output is low.
Pin 12 — EN3/EN4 — Receiver 3 and 4 Output
Enable. Please refer to SP3489 Truth Table (2).
Pin 13 — RO
4 — Receiver 4 Output — If
Receiver 4 output is enabled, if RI
4A > RI4B by
200mV, Receiver 4 output is high. If Receiver 4
output is enabled, and if RI
4A < RI4B
by
200mV, Receiver 4 output is low.
Pin 14 — RI
4A — Receiver 4 input A.
Pin 15 — RI
4B — Receiver 4 input B.
Pin 16 — V
CC — Positive Supply +3.00V < VCC
< +3.60V
Table 2. SP3489 Truth Table
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN1/EN2 or EN3/EN4
RO
VID ≥ 0.2V
H
H
–0.2V < VID < +0.2V
H
X
VID ≤ 0.2V
H
L
XL
Hi–Z
FEATURES...
The SP3488 and the SP3489 are +3.3V low
power quad line receivers that meet the
specifications of the RS-485 and RS-422 serial
protocols. These devices are pin-to-pin
compatible with Sipex's SP488 and SP489
devices as well as popular industry standards.
The SP3488 and SP3489 devices feature
Sipex's BiCMOS process allowing low power
operation without sacrificing performance.
The RS-485 standard is ideal for multi-drop
applications or for long distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a data bus, making it an ideal
choice for multi-drop applications. Since the



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com