Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3488 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3488
Description  3.3V Low Power Quad RS-485/RS-422 Line Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3488 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3488 Datasheet HTML 1Page - Sipex Corporation SP3488 Datasheet HTML 2Page - Sipex Corporation SP3488 Datasheet HTML 3Page - Sipex Corporation SP3488 Datasheet HTML 4Page - Sipex Corporation SP3488 Datasheet HTML 5Page - Sipex Corporation SP3488 Datasheet HTML 6Page - Sipex Corporation SP3488 Datasheet HTML 7Page - Sipex Corporation SP3488 Datasheet HTML 8Page - Sipex Corporation SP3488 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
10/16/02
SP3488/3489 Low Power Quad RS-485/422 Line Receivers
© Copyright 2002 Sipex Corporation
■ RS-485 or RS-422 Quad Differential
Line Receivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Tri-state Output Control
■ -7V to +12V Common-Mode Input
Voltage Range
■ Common Driver Enable Control
(SP3488)
■ Independent Driver Enable Controls
for each pair of Drivers (SP3489)
■ Compatibility with LTC488
and SN75173 (SP3488)
■ Compatibility with LTC489
and SN75175 (SP3489)
DESCRIPTION…
The SP3488 and the SP3489 are +3.3V low power quad line receivers that meet the
specifications of the RS-485 and RS-422 serial protocols. These devices are pin-to-pin
compatible with Sipex's SP488 and SP489 devices as well as popular industry standards.
The SP3488 and SP3489 feature Sipex's BiCMOS process allowing low power operation
without sacrificing performance. The SP3488 and SP3489 meet the electrical specifications
of RS-485 and RS-422 serial protocols up to 10Mbps under load. The SP3488 features a
common receiver enable control. The SP3489 provides independent receiver enable
controls for each pair of receivers. Both devices feature tri-state outputs and a -7V to +12V
common-mode input range. The receivers have a fail-safe feature which forces a logic "1"
output when receiver inputs are left floating.
SP3488 and SP3489
SP3488
RI1B
RI1A
RO1
EN
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
SP3489
RI1B
RI1A
RO1
EN1/EN2
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN3/EN4
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
+3.3V Low Power Quad
RS-485/RS-422 Line Receivers
®


Similar Part No. - SP3488

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488CP SIPEX-SP3488CP Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488CT SIPEX-SP3488CT Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488EP SIPEX-SP3488EP Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP3488ET SIPEX-SP3488ET Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
More results

Similar Description - SP3488

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com