Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3488 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3488
Description  3.3V Low Power Quad RS-485/RS-422 Line Receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3488 Datasheet(HTML) 5 Page - Sipex Corporation

  SP3488 Datasheet HTML 1Page - Sipex Corporation SP3488 Datasheet HTML 2Page - Sipex Corporation SP3488 Datasheet HTML 3Page - Sipex Corporation SP3488 Datasheet HTML 4Page - Sipex Corporation SP3488 Datasheet HTML 5Page - Sipex Corporation SP3488 Datasheet HTML 6Page - Sipex Corporation SP3488 Datasheet HTML 7Page - Sipex Corporation SP3488 Datasheet HTML 8Page - Sipex Corporation SP3488 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
10/16/02
SP3488/3489 Low Power Quad RS-485/422 Line Receivers
© Copyright 2002 Sipex Corporation
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
PROPAGATION DELAY
Receiver Input to Output
C
L = 15pF; Figure 1, 3
Low to HIGH (tPLH)
75
115
ns
High to LOW (tPH
L)80
115
ns
Differential Receiver Skew (t
SKD)4
ns
Receiver Rise Time (t
R)
10% to 90%
SP3488
7
15
ns
SP3489
7
15
ns
Receiver Fall Time (t
F)
90% to 10%
SP3488
6
15
ns
SP3489
6
15
ns
RECEIVER ENABLE
To Output HIGH
46
100
ns
C
L = 15pF; Figures 2 and 4
(S2 closed)
To Output LOW
46
100
ns
CL = 15pF;
Figures 2 and 4
(S1 closed)
RECEIVER DISABLE
From Output LOW
46
100
ns
CL = 15pF;
Figures 2 and 4
(S1 closed)
From Output HIGH
46
100
ns
CL = 15pF;
Figures 2 and 4
(S2 closed)
cabling can be as long as 4,000 feet, RS-485
transceivers are equipped with a wide (-7V to
+12V) common mode range to accomodate
ground potential differences. Because the
RS-485 protocol is a differential interface, data
is virtually immune to noise in the transmission
line.
Receiver...
The SP3488 and the SP3489 receivers have
differential inputs with an input sensitivity
as low as +100mV. Input impedance of the
receivers is typically 15K
Ω (12KΩ minimum).
A wide common mode range of -7V to +12V
allows for large ground potential differences
between systems.
The SP3488 features active HIGH and active
LOW common receiver enable controls. Refer
to SP3488 Truth Table in Table 1. The SP3489
provides independent, active high receiver
enable controls for each pair of receivers. Refer
to SP3489 Truth Table in Table 2. Both devices
feature tri-state outputs and a -7V to +12V
common-mode input range permitting a +7V
ground difference between devices on the
communication bus. The SP3488 and the SP3489
are equipped with a fail-safe feature which forces
a logic HIGH at the receiver output when the
input is left floating. The SP3488 and SP3489
receivers meet the electrical specifications of
RS-485 and RS-422 serial protocol data rates up
to 10Mbps under load.
AC PARAMETERS
V
CC = +3.3V±5%; typicals at 25°C; TAMB = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com