Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3486 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3486
Description  3.3V Low Power Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3486 Datasheet(HTML) 6 Page - Sipex Corporation

  SP3486 Datasheet HTML 1Page - Sipex Corporation SP3486 Datasheet HTML 2Page - Sipex Corporation SP3486 Datasheet HTML 3Page - Sipex Corporation SP3486 Datasheet HTML 4Page - Sipex Corporation SP3486 Datasheet HTML 5Page - Sipex Corporation SP3486 Datasheet HTML 6Page - Sipex Corporation SP3486 Datasheet HTML 7Page - Sipex Corporation SP3486 Datasheet HTML 8Page - Sipex Corporation SP3486 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
10/15/02
SP3486/3487 Low Power Quad RS485/422 Line Drivers
© Copyright 2000 Sipex Corporation
6
Figure 6. Driver Enable and Disable Timing Waveforms
Figure 5. Driver Propagation Delay Waveforms
0V
VOH
tPLH
tPHL
VOM
tPHL
tPLH
3V
VOL
VOH
1.5V
1.5V
INPUT
Y OUTPUT
VOM
Z OUTPUT
VOL
VOM
VOM
VOM = V
OH
+ VOL
2
≈ 1.5V
0V
VOH
tPZH
0.25V
tPHZ
VOM
tPZL
tPLZ
3V
VOL
VCC
1.5V
1.5V
INPUT
OUTPUT
HIGH
VOM
0.25V
0V
OUTPUT
LOW
VOM = V
OH
+ VOL
2
≈ 1.5V
NOTE 1: The input pulse is supplied by a generator with the following characteristics:
INPUT=250kHz, 50% duty cycle, t
r < 6.0ns, Zo=50Ω.
NOTE 2: C
L includes probe and stray capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com