Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488A Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP488A
Description  High Speed Quad RS-485/RS-422 Line Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488A Datasheet(HTML) 6 Page - Sipex Corporation

  SP488A Datasheet HTML 1Page - Sipex Corporation SP488A Datasheet HTML 2Page - Sipex Corporation SP488A Datasheet HTML 3Page - Sipex Corporation SP488A Datasheet HTML 4Page - Sipex Corporation SP488A Datasheet HTML 5Page - Sipex Corporation SP488A Datasheet HTML 6Page - Sipex Corporation SP488A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SP488A/489ADS/07
SP488A/489A High Speed Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
6
Table 2. SP489A Truth Table
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN1/EN2 or EN3/EN4
RO
VID ≥ 0.2V
H
H
–0.2V < VID < +0.2V
H
X
VID ≤ 0.2V
H
L
X
L
Hi–Z
FEATURES…
The SP488A and SP489A are low–power quad
differential line receivers meeting RS-485 and
RS-422 serial protocol.
The SP488A and
SP489A feature Sipex's BiCMOS process
allowing low power operational characteristics
of CMOS technology while meeting all of the
demands of the RS-485 and RS-422 serial
protocols over 10Mbps under load in harsh
environments. In fact, the SP488A and SP489A
can transmit signals up to 30Mbps.
The RS-485 standard is ideal for multi-drop
applications and for long-distance communica-
tion. RS-485 allows up to 32 drivers and 32
receivers to be connected to a data bus, making
it an ideal choice for multi-drop applications.
Since the cabling can be as long as 4,000 feet,
RS-485 transceivers are equipped with a wide
(-7V to +12V) common mode range to
accommodate ground potential differences.
Because RS-485 is a differential interface,
data is virtually immune to noise in the
transmission line.
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN
EN
RO
V
ID ≥ 0.2V
H
X
H
XL
H
–0.2V < V
ID < +0.2V
H
X
X
XL
X
V
ID ≤ 0.2V
H
X
L
XL
L
X
L
H
Hi–Z
Table 1. SP488A Truth Table
Normally an RS-485 driver will produce no less
than 1.5V before cable attenuation. After cable
loss, the signal may degrade and have an
amplitude of less than 1.0V. The receiver input
sensitivity of the SP488A and SP489A allows
the devices to receive signals as low as 200mV.
The SP488A features active high and active
low common receiver enable controls; the
SP489A provides independent, active high
receiver enable controls for each pair of
receivers. Both feature tri–state outputs and
a -7V to +12V common–mode input range
permitting a
±7V ground difference between
devices on the communications bus. The
SP488A/489A are equipped with a fail–safe
feature which forces a logic high at the
receiver output when the input is left floating.
Both are available in 16-pin plastic DIP and
SOIC packages.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com