Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488A Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP488A
Description  High Speed Quad RS-485/RS-422 Line Receivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488A Datasheet(HTML) 7 Page - Sipex Corporation

  SP488A Datasheet HTML 1Page - Sipex Corporation SP488A Datasheet HTML 2Page - Sipex Corporation SP488A Datasheet HTML 3Page - Sipex Corporation SP488A Datasheet HTML 4Page - Sipex Corporation SP488A Datasheet HTML 5Page - Sipex Corporation SP488A Datasheet HTML 6Page - Sipex Corporation SP488A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SP488A/489ADS/07
SP488A/489A High Speed Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
7
ORDERING INFORMATION
Quad RS485 Receivers:
Model ........................ Enable/Disable ...................................... Temperature Range ........................ Package
SP488ACP ............... Common; active Low and Active High .. 0
°C to +70°C .................... 16–pin Plastic DIP
SP488ACT ................ Common; active Low and Active High .. 0
°C to +70°C ............................. 16–pin SOIC
SP488AEP ................ Common; active Low and Active High .. –40
°C to +85°C ................ 16–pin Plastic DIP
SP488AET ................ Common; active Low and Active High .. –40
°C to +85°C ......................... 16–pin SOIC
SP489ACP ............... One per driver pair; active High ............ 0
°C to +70°C .................... 16–pin Plastic DIP
SP489ACT ................ One per driver pair; active High ............ 0
°C to +70°C ............................. 16–pin SOIC
SP489AEP ................ One per driver pair; active High ............ –40
°C to +85°C ................ 16–pin Plastic DIP
SP489AET ................ One per driver pair; active High ............ –40
°C to +85°C ......................... 16–pin SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com