Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP488CS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP488CS
Description  Quad RS-485/RS-422 Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP488CS Datasheet(HTML) 1 Page - Sipex Corporation

  SP488CS Datasheet HTML 1Page - Sipex Corporation SP488CS Datasheet HTML 2Page - Sipex Corporation SP488CS Datasheet HTML 3Page - Sipex Corporation SP488CS Datasheet HTML 4Page - Sipex Corporation SP488CS Datasheet HTML 5Page - Sipex Corporation SP488CS Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SP488/489
Quad RS-485/RS-422 Line Receivers
© Copyright 2000 Sipex Corporation
s RS-485 or RS-422 Applications
s Quad Differential Line Receivers
s Tri–state Output Control
s 120ns Typical Receiver Propagation
Delays
s –7V to +12V Common Mode Input
Range
s 1mA Supply Current
s Single +5V Supply Operation
s Pin Compatible with SN75173,
SN75175, LTC488 and LTC489
DESCRIPTION…
The SP488 and SP489 are low–power quad differential line receivers meeting RS-485 and RS-422
standards. The SP488 features a common receiver enable control; the SP489 provides independent
receiver enable controls for each pair of receivers. Both feature tri–state outputs and wide common–
mode input range. The receivers have a fail–safe feature which forces a logic “1” output when receiver
inputs are left floating. Both are available in 16–pin plastic DIP and SOIC packages.
SP488
RI1B
RI1A
RO1
EN
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
SP489
RI1B
RI1A
RO1
EN1/EN2
RO2
RI2A
RI2B
GND
VCC
RI4B
RI4A
RO4
EN3/EN4
RO3
RI3A
RI3B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
4
3
2
SP488/489
Quad RS-485/RS-422 Line Receivers
®


Similar Part No. - SP488CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP488CS SIPEX-SP488CS Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
More results

Similar Description - SP488CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP3488 SIPEX-SP3488 Datasheet
174Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com