Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP495 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP495
Description  Quad Differential RS-485 Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP495 Datasheet(HTML) 1 Page - Sipex Corporation

  SP495 Datasheet HTML 1Page - Sipex Corporation SP495 Datasheet HTML 2Page - Sipex Corporation SP495 Datasheet HTML 3Page - Sipex Corporation SP495 Datasheet HTML 4Page - Sipex Corporation SP495 Datasheet HTML 5Page - Sipex Corporation SP495 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SP495
Quad Differential RS-485 Transceiver
© Copyright 2000 Sipex Corporation
OA1 OB1
OA2 OB2
V
DESCRIPTION…
The SP495 is a quad differential line driver/receiver meeting both RS-485 and RS-422
standards at data rates beyond 10Mbps. The SP495 features three half-duplex transceivers
suitable for data bus connections and a fourth full-duplex transceiver with independent driver,
receiver enables. Ideal for use as a control bus transceiver. A complete SCSI initiator or target
interface can be implemented using five SP495s. Propagation Delay Skew is tightly specified
to aid in parallel interface designs. The SP495 is available in a 20-pin plastic SOIC package
for operation over the commercial and industrial temperature ranges. For PLCC availability,
please consult factory.
s Pinout for SCSI Interface
s Meets EIA-485 Standard for Multipoint
Bus Transmission
s +5V-Only Power Supply Required
s Receiver Fail-Safe Mode
s Low Power BiCMOS Technology
s Glitch-Free Power-Up/Down
s Available in 20-Pin Plastic SOIC
s Pin Compatible with DS36954
SP495
R4
D4
R3
D3
R2
D2
R1
D1
20
19
18
17
16
2
1
3
4
11
15 14
13
12
6
5
8
9
7
10
DR1 DE1/RE1
DR2 DE2/ RE2
GND
DR3 DE3/ RE3
DI4 DE4
RO4 RE4
cc OA3 OB3
OA4 OB4
SP495
®
Quad Differential RS-485 Transceiver


Similar Part No. - SP495

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
logo
PCTEL, Inc.
SP4959-16XP90 PCTEL-SP4959-16XP90 Datasheet
137Kb / 1P
4.9-5.9 GHz 90° Sector Panel Antenna
logo
Sipex Corporation
SP495CT SIPEX-SP495CT Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
SP495ET SIPEX-SP495ET Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
More results

Similar Description - SP495

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
logo
National Semiconductor ...
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
DS96F174 NSC-DS96F174 Datasheet
223Kb / 10P
RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com