Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP495 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP495
Description  Quad Differential RS-485 Transceiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP495 Datasheet(HTML) 5 Page - Sipex Corporation

  SP495 Datasheet HTML 1Page - Sipex Corporation SP495 Datasheet HTML 2Page - Sipex Corporation SP495 Datasheet HTML 3Page - Sipex Corporation SP495 Datasheet HTML 4Page - Sipex Corporation SP495 Datasheet HTML 5Page - Sipex Corporation SP495 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SP495
Quad Differential RS-485 Transceiver
© Copyright 2000 Sipex Corporation
+3V
0V
RE
5V
R
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
R
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
Figure 9. Receiver Enable and Disable Times
DESCRIPTION
General Description...
The SP495 is a quad differential transceiver that
meets the requirements of RS-485, RS-422, and
differential SCSI at data rates to beyond 10Mbps.
Fabricated with a proprietary Sipex BiCMOS
process, the SP495 requires only a fraction of the
power of older bipolar designs.
The SP495 features three half-duplex transceivers
suitable for data bus connections and a fourth
full-duplex transceiver with independent enables
ideal for use as a control bus transceiver. A
complete SCSI initiator or target interface can be
implemented using five SP495s.
The RS-485 standard is ideal for multi-drop
applications and for long-distance interfaces.
RS-485 allows up to 32 drivers and 32 receivers
to be connected to a single data bus, making it an
ideal choice for multi-drop applications. Since
the cabling can be as long as 4,000 feet, RS-485
transceivers are specified for operation with a
wide (-7V to +12V) common mode range to
accommodate ground potential differences.
Because RS-485 is a low impedance differential
interface, data is virtually immune to noise in the
transmission line.
Drivers...
The differential drivers for the SP495 have typical
output voltage swings (no load) of 0 to +5Volts.
With loading to the RS-485 specification (54
Ω),
drivers must maintain outputs greater than 1.5V.
The three half-duplex drivers of the SP495 have
independent Driver Enable control lines which
are active HIGH. A logic HIGH on DEx (pins 1,
4, or 5 of the SP495) will enable the addressed
differential driver output. A logic LOW on DEx
will tri-state the driver output and enable the
receiver. The fourth driver is controlled by its
own DE4 Enable line and can be used in half -
duplex or full-duplex modes.
Receivers...
The differential receivers for the SP495 have an
input sensitivity of
±200mV. Input impedance is
typically 15k
Ω (12kΩ minimum). A wide
common mode range of -7V to +12V allows for
large ground potential differences between widely
separated systems. These receivers are equipped
with a fail-safe feature which guarantees that the
receiver output will be in a HIGH state when the
input is left unconnected (note: this feature
operates with floating inputs, not terminated
inputs).
Like the half-duplex drivers, the three half-duplex
receivers of the SP495 have independent Re-
ceiver Enable control lines which are active
LOW. A logic LOW on REx (pins 1, 4, or 5 of
the SP495) enables the differential receivers. A
logic HIGH on REx tri-states the receivers. The
fourth receiver is controlled by its own RE4
Enable line and can be used in half-duplex or
full-duplex modes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com