Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP504 Datasheet HTML 9Page - Sipex Corporation SP504 Datasheet HTML 10Page - Sipex Corporation SP504 Datasheet HTML 11Page - Sipex Corporation SP504 Datasheet HTML 12Page - Sipex Corporation SP504 Datasheet HTML 13Page - Sipex Corporation SP504 Datasheet HTML 14Page - Sipex Corporation SP504 Datasheet HTML 15Page - Sipex Corporation SP504 Datasheet HTML 16Page - Sipex Corporation SP504 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
VCC = +5V
–5V
–5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
Figure 13b. Charge Pump Phase 1 for
±5V.
VCC = +5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
++
–
–
–
VSS Storage Capacitor
C3
+
–
–5V
Figure 13a. Charge Pump Phase 1 for
±10V.
FEATURES…
The SP504 is a highly integrated serial trans-
ceiver that allows software control of its inter-
face modes. Similar to the SP503, the SP504
offers the same hardware interface modes for
RS-232 (V.28), RS-422A (V.11), RS-449, RS-
485, V.35, EIA-530 and includes V.36 and
EIA-530A. The interface mode selection is done
via an 8–bit switch; four (4) bits control the
drivers and four (4) bits control the receivers.
The SP504 is fabricated using low power
BiCMOS process technology, and incorporates
a Sipex patented (5,306,954) charge pump
allowing +5V only operation. Each device is
packaged in an 80–pin JEDEC Quad FlatPack
package.
The SP504 is ideally suited for wide area net-
work connectivity based on the interface modes
offered and the driver and receiver configura-
tions. The SP504 has seven (7) independent
drivers and seven (7) independent receivers. In
V.35 mode, the SP504 includes the necessary
components and termination resistors internal
within the device for compliant V.35 operation.
THEORY OF OPERATION
The SP504 is made up of five separate circuit
blocks — the charge pump, drivers, receivers,
decoder and switching array. Each of these
circuit blocks is described in more detail below.
Charge–Pump
The SP504's charge pump design is based on the
SP503 where Sipex's patented charge pump
design (5,306,954) uses a four–phase voltage
shifting technique to attain symmetrical
±10V
power supplies. In addition, the SP504 charge
pump incorporates a "programmable" feature
that produces an output of
±10V or ±5V for V
SS
and V
DD depending on the mode of operation.
The charge pump still requires external capaci-
tors to store the charge. Figure 17a shows the
waveform found on the positive side of capaci-
tor C2, and Figure 17b shows the negative side
of capcitor C2. There is a free–running oscilla-
tor that controls the four phases of the voltage
shifting. A description of each phase follows.
The SP504 charge pump is used for RS-232
where the output voltage swing is typically
±10V and also used for RS-423. However, RS-
423 requires the voltage swing on the driver
output be between
±4V to ±6V during an open
circuit (no load). The charge pump would need
to be regulated down from
±10V to ±5V. A
typical
±10V charge pump would require exter-
nal clamping such as 5V zener diodes on V
DD
and V
SS to ground. The ±5V output has sym-
metrical levels as in the
±10V output. The ±5V
is used in the following modes where RS-423
levels are used: RS-449, EIA-530, EIA-530A
and V.36.
Phase 1 (±10V)
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. The Cl
+
is then switched to ground and the charge on C
1
–
is transferred to C
2
–. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2 is
now 10V.
Phase 1 (±5V)
— V
SS & VDD charge storage and transfer —
With the C
1 and C2 capacitors initially charged
to +5V, C
l
+ is then switched to ground and the
charge on C
1
– is transferred to the V
SS storage
capacitor. Simultaneously the C
2
– is switched to
ground and the 5V charge on C
2
+ is transferred
to the V
DD storage capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com