Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP504 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP504 Datasheet(HTML) 4 Page - Sipex Corporation

  SP504 Datasheet HTML 1Page - Sipex Corporation SP504 Datasheet HTML 2Page - Sipex Corporation SP504 Datasheet HTML 3Page - Sipex Corporation SP504 Datasheet HTML 4Page - Sipex Corporation SP504 Datasheet HTML 5Page - Sipex Corporation SP504 Datasheet HTML 6Page - Sipex Corporation SP504 Datasheet HTML 7Page - Sipex Corporation SP504 Datasheet HTML 8Page - Sipex Corporation SP504 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
Rev: A Date:1/27/04
SP504 Multi–Mode Serial Transceivers
© Copyright 2004 Sipex Corporation
SPECIFICATIONS (Continued)
T
A = +25°C and VCC = +5.0V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 DRIVER (V.28)
Outputs
HIGH Level Output
+5.0
+15
Volts
R
L=3kΩ, VIN=0.8V
LOW Level Output
–15.0
–5.0
Volts
R
L=3kΩ, VIN=2.0V
Open Circuit Voltage
–15
+15
Volts
Short Circuit Current
±100
mA
V
OUT = 0V
Power Off Impedance
300
Ω
V
cc = 0V, Vout = ±2.0V
Slew Rate
30
V/µsR
L=3kΩ, CL= 50pF
V
CC = +5.0V, TA @ +25°C
Transition Time
1.56
µsR
L=3kΩ, CL=2500pF ;
between ±3V, T
A @ +25°C
Max. Transmission Rate
120
230.4
kbps
R
L=3kΩ, CL=2500pF
Propagation Delay
T
A @ 25°C & VCC = +5V only
t
PHL
0.5
1
4
µs
Measured from 1.5V of V
IN
t
PLH
0.5
1
4
µs
to 50% of V
OUT; RL=3kΩ
RS-232 RECEIVER (V.28)
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
1.7
3.0
Volts
LOW Threshold
0.8
1.2
Volts
Receiver Open Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
kΩ
V
IN = +15V to –15V
Max. Transmission Rate
120
230.4
kbps
Propagation Delay
T
A @ 25°C & VCC = +5V only
t
PHL
0.05
0.25
1
µs
Measured from 50% of V
IN
t
PLH
0.05
0.25
1
µs
to 1.5V of V
OUT.
RS-423 DRIVER (V.10)
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Output
Open Circuit Voltage, V
O
±4.0
±6.0
Volts
R
L=3.9kΩ
HIGH Level Output, V
T
+3.6
+6.0
Volts
R
L=450Ω; VOUT ≥ 0.9VOC
LOW Level Output, V
T
–6.0
–3.6
Volts
R
L=450Ω; VOUT ≥ 0.9VOC
0.9V
OC
Volts
T
A =+25˚C,, VCC = +5.0V
Short Circuit Current
±150
mA
V
OUT = 0V, VCC = +5.0V
Power Off Current
±100
µAV
CC = 0V, VOUT= ±0.25V
Transition Time
100
ns
Rise/fall time, between ±3V
Max. Transmission Rate
120
kbps
R
L=450Ω
Propagation Delay
T
A @ 25°C & VCC = +5V only
t
PHL
0.05
0.5
2
µs
Measured from 1.5V of V
IN
t
PLH
0.05
0.5
2
µs
to 50% of V
OUT; RL=450Ω
RS-423 RECEIVER (V.10)
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.3
+7.0
Volts
LOW Threshold
–7.0
–0.3
Volts
HIGH Input Current
Refer to Rec. input graph
LOW Input Current
Refer to Rec. input graph
Receiver Sensitivity
±0.3
Volts
V
CM = +7V to –7V
Input Impedance
4
kΩ
V
IN = +10V to –10V
Max. Transmission Rate
120
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com