Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP506 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP506
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP506 Datasheet HTML 9Page - Sipex Corporation SP506 Datasheet HTML 10Page - Sipex Corporation SP506 Datasheet HTML 11Page - Sipex Corporation SP506 Datasheet HTML 12Page - Sipex Corporation SP506 Datasheet HTML 13Page - Sipex Corporation SP506 Datasheet HTML 14Page - Sipex Corporation SP506 Datasheet HTML 15Page - Sipex Corporation SP506 Datasheet HTML 16Page - Sipex Corporation SP506 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Rev: A Date: 1/27/04
SP506 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 34. Driver Timing Test Load Circuit
Figure 35. Receiver Timing Test Load Circuit
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure 36. Driver Propagation Delays
Figure 37. Driver Enable and Disable Times
Figure 38. Receiver Propagation Delays
+3V
0V
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
DECx or Tx_Enable
VOH
VOL
RECEIVER OUT
(VOH - VOL)/2
(VOH - VOL)/2
tPLH
f > 10MHz; tR < 10ns; tF < 10ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPHL
INPUT
t
SKEW
= | tPHL - tPLH |
+3V
0V
A
B
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
1.5V
1.5V
tPLH
tR
tF
f > 10MHz; tR < 10ns; tF < 10ns
VO
1/2VO
1/2VO
tPHL
tDPLH
tDPHL
tSKEW = | tDPLH - tDPHL |
DRIVER
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com