Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP506 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP506
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 3 Page - Sipex Corporation

  SP506 Datasheet HTML 1Page - Sipex Corporation SP506 Datasheet HTML 2Page - Sipex Corporation SP506 Datasheet HTML 3Page - Sipex Corporation SP506 Datasheet HTML 4Page - Sipex Corporation SP506 Datasheet HTML 5Page - Sipex Corporation SP506 Datasheet HTML 6Page - Sipex Corporation SP506 Datasheet HTML 7Page - Sipex Corporation SP506 Datasheet HTML 8Page - Sipex Corporation SP506 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Rev: A Date: 1/27/04
SP506 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
SPECIFICATIONS
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.28 RECEIVER (continued)
AC Parameters (cont.)
Max.Transmission Rate
120
230
kbps
V.10 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±4.0
±6.0
Volts
per Figure 9
Test-Terminated Voltage
0.9V
OC
Volts
per Figure 10
Short-Circuit Current
±150
mA
per Figure 11
Power-Off Current
±100
µA
per Figure 12
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
200
ns
per Figure 13; 10% to 90%
Propagation Delay
t
PHL
50
100
500
ns
t
PLH
50
100
500
ns
Max.Transmission Rate
120
kbps
V.10 RECEIVER
DC Parameters
Inputs
Input Current
–3.25
+3.25
mA
per Figures 14 and 15
Input Impedance
4
kΩ
Sensitivity
±0.3
Volts
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
t
PHL
50
120
250
ns
t
PLH
50
120
250
ns
Max.Transmission Rate
120
kbps
V.11 DRIVER
DC Parameters
Outputs
Open Circuit Voltage
±5.0
Volts
per Figure 16
Test Terminated Voltage
±2.0
Volts
per Figure 17
0.5V
OC
0.67V
OC
Volts
Balance
±0.4
Volts
per Figure 17
Offset
+3.0
Volts
per Figure 17
Short-Circuit Current
±150
mA
per Figure 18
Power-Off Current
±100
µA
per Figure 19
AC Parameters
V
CC = +5V for AC parameters
Outputs
Transition Time
20
ns
per Figures 21 and 36; 10% to 90%
Propagation Delay
t
PHL
50
65
85
ns
per Figures 33 and 36, C
L = 50pF
t
PLH
50
65
85
ns
per Figures 33 and 36, C
L = 50pF
Differential Skew
10
20
ns
per Figures 33 and 36, C
L = 50pF
Max.Transmission Rate
20
Mbps
per Figure 33, C
L = 50pF
f
IN = 10MHz
V.11 RECEIVER
DC Parameters
Inputs
Common Mode Range
–7
+7
Volts
Sensitivity
±0.3
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com