Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP507
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP507 Datasheet HTML 14Page - Sipex Corporation SP507 Datasheet HTML 15Page - Sipex Corporation SP507 Datasheet HTML 16Page - Sipex Corporation SP507 Datasheet HTML 17Page - Sipex Corporation SP507 Datasheet HTML 18Page - Sipex Corporation SP507 Datasheet HTML 19Page - Sipex Corporation SP507 Datasheet HTML 20Page - Sipex Corporation SP507 Datasheet HTML 21Page - Sipex Corporation SP507 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Rev: A Date:1/27/04
SP507 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
RD(a) 70
RxD 1
RD(b) 71
CS(a) 66
CTS 80
CS(b) 67
DM(a) 68
DSR 78
DM(b) 69
DTE_ST 79
SCTEN 7
SCT(b) 77
14 TxD
61 SD(a)
59 SD(b)
22 DCE_ST
42 ST(a)
44 ST(b)
23 STEN
15 TxCE
63 TT(a)
65 TT(b)
6
TTEN
13 DTR
58 TR(a)
56 TR(b)
16 RTS
54 RS(a)
52 RS(b)
17 RL
47 RL(a)
45 RL(b)
18 RLEN
24 LL
51 LL(a)
49 LL(b)
5
LLEN
22µF
22µF
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22µF
+5V
10µF
27
25
26
31
28
30
22µF
32
M2 10
M1 11
M0 12
Charge Pump
A — Receiver Tri-State circuitry,
V.11, & V.35 termination
resistor circuitry (RxD,
RxC & DTE_ST).
B — Driver Tri-State circuitry &
V.35 termination circuitry
(TxD, TxCE & DCE_ST).
SP507
(SEE PINOUT ASSIGNMENTS FOR GROUND PINS)
8
LATCH
(SEE PINOUT FOR VCC PINS)
RR(a) 35
DCD 19
RREN 3
RR(b) 36
RT(a) 37
RxC 20
RTEN 2
RT(b) 38
A
A
A
TM(a) 39
TM 21
TMEN 4
TM(b) 40
B
B
B
SCT(a) 76
9
TERM_OFF
Figure 45. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com