Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP507 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP507
Description  5V, Single Chip WAN Multi-Mode Serial Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP507 Datasheet(HTML) 1 Page - Sipex Corporation

  SP507 Datasheet HTML 1Page - Sipex Corporation SP507 Datasheet HTML 2Page - Sipex Corporation SP507 Datasheet HTML 3Page - Sipex Corporation SP507 Datasheet HTML 4Page - Sipex Corporation SP507 Datasheet HTML 5Page - Sipex Corporation SP507 Datasheet HTML 6Page - Sipex Corporation SP507 Datasheet HTML 7Page - Sipex Corporation SP507 Datasheet HTML 8Page - Sipex Corporation SP507 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Rev: A Date:1/27/04
SP507 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
■ Interface Modes Supported:
✓ RS-232 (V.28)
✓ X.21/RS-422 (V.11)
✓ EIA-530 (V.10 & V.11) ✓ EIA-530A (V.10 & V.11)
✓ RS-449 (V.10 & V.11) ✓ V.35 (V.35 & V.28)
■ Software Selectable Protocols
■ Highest Differential Transmission Rates
available at over 20Mbps
■ +5V Only Operation
■ Seven (7) Drivers and Seven (7) Receivers
■ Driver and Receiver Tri-state Control
■ Internal Transceiver Termination Resistors for
V.11 and V.35 Protocols
■ Improved ESD Tolerance for Analog I/Os
■ Compliant to NET1/2 and TBR2 Physical Layer
Requirements
■ Used in WAN Serial Ports in Routers Switches,
DSU/CSU's and other Access Devices
■ Available in 132-Lead Small Scale Ball Grid
Array and 80-Lead MQFP
SP507
+5V, Single Chip WAN Multi-Mode SerialTransceiver
DESCRIPTION
The SP507 is a monolithic IC that supports seven (7) popular serial interface standards for
DTE/DCE connectivity. The seven (7) drivers and seven (7) receivers transmit and receive
signals at over 20Mbps. The SP507 requires no additional external components for compliant
operation for all seven (7) modes of operation. All necessary termination is integrated within
the SP507 and is switchable when V.35 drivers, V.35 receivers, and V.11 receivers are used.
The SP507 can operate as either a DTE or DCE.
Additional features include a latch enable pin with the driver and receiver address decoder.
Tri-state ability for the driver and receiver outputs is controlled by supplying a 3-bit word into
the address decoder. Four (4) drivers and four (4) receivers in the SP507 include separate
enable pins for added convenience.
EIA-530
WAN
V.35
®


Similar Part No. - SP507

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP507 SIPEX-SP507 Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
logo
Mitel Networks Corporat...
SP5070 MITEL-SP5070 Datasheet
179Kb / 7P
2.GHz Fixed Modulus Frequency Synthesiser
SP5070DP MITEL-SP5070DP Datasheet
179Kb / 7P
2.GHz Fixed Modulus Frequency Synthesiser
More results

Similar Description - SP507

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP506 EXAR-SP506 Datasheet
911Kb / 21P
5V Single Chip WAN Multi-Mode Serial Transceiver
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com