Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5070 Datasheet (PDF) - Mitel Networks Corporation

SP5070 Datasheet PDF - Mitel Networks Corporation
Part # SP5070
Download  SP5070 Download
File Size   179.6 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.GHz Fixed Modulus Frequency Synthesiser

SP5070 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5070 Datasheet PDF - Mitel Networks Corporation

Part # SP5070
Download  SP5070 Click to download

File Size   179.6 Kbytes
Page   7 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.GHz Fixed Modulus Frequency Synthesiser

SP5070 Datasheet (HTML) - Mitel Networks Corporation


SP5070 Product details

The SP5070 is a single modulus frequency synthesiser for use in Satellite TV receivers and together with an

appropriate voltage controlled oscillator (VCO), forms a complete phase locked loop (PLL) synthesiser. The circuit consists of a prescaler with preamplifier and a fixed modulus divider. The phase comparator is fed with a reference frequency derived from an external oscillator or crystal. The comparator has a charge pump output amplifier stage around which feedback may be applied. Only an external transistor is required for varicap line driving.



FEATURES

■ Low Power Consumption (5V, 47mA typ.)

■ Prescaler and Preamplifier Included

■ Charge Pump Amplifier with Feedback Point

■ Charge Pump Disable Facility

■ Synthesises Frequencies up to 2.4GHz

■ Pin and Function Compatible with SP5060 and SP5062

■ Full ESD Protection*

* Normal ESD handling procedures should be observed.



APPLICATIONS

■ Satellite TV

■ High IF Cable Tuning Systems

■ C-Band with Frequency Doubling Mixer




Similar Part No. - SP5070

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP507 SIPEX-SP507 Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP507CB SIPEX-SP507CB Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
More results


Similar Description - SP5070

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
10-GHz Fixed Modulus 첨 8
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
6 GHz Fixed Modulus Prescalers
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
ZL40804 ZARLINK-ZL40804 Datasheet
442Kb / 13P
6 GHz FIXED MODULUS DEVIDE 4
ZL40803 ZARLINK-ZL40803 Datasheet
404Kb / 12P
6 GHz FIXED MODULUS DEVIDE 2
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
6 GHz Fixed Modulus 첨 4
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com