Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5070 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5070
Description  2.GHz Fixed Modulus Frequency Synthesiser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5070 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5070 Datasheet HTML 1Page - Mitel Networks Corporation SP5070 Datasheet HTML 2Page - Mitel Networks Corporation SP5070 Datasheet HTML 3Page - Mitel Networks Corporation SP5070 Datasheet HTML 4Page - Mitel Networks Corporation SP5070 Datasheet HTML 5Page - Mitel Networks Corporation SP5070 Datasheet HTML 6Page - Mitel Networks Corporation SP5070 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
2
3
4
5
6
7
14
13
12
11
VCC
REF IN/CRYSTAL
OSCILLATORCAPACITOR
NC
RF INPUT
VEE
DP14
CPDIS
10
9
8
DRIVE OUTPUT
CHARGE PUMP
TEST 2
TEST 1
NC
RF INPUT
NC
SP5070
VCC
REF IN/CRYSTAL
OSCILLATORCAPACITOR
NC
RF INPUT
VEE
MP14
CPDIS
DRIVE OUTPUT
CHARGE PUMP
TEST 2
TEST 1
NC
RF INPUT
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SP5070F
The SP5070 is a single modulus frequency synthesiser
for use in Satellite TV receivers and together with an
appropriate voltage controlled oscillator (VCO), forms a
complete phase locked loop (PLL) synthesiser. The circuit
consists of a prescaler with preamplifier and a fixed modulus
divider. The phase comparator is fed with a reference
frequency derived from an external oscillator or crystal. The
comparator has a charge pump output amplifier stage
around which feedback may be applied. Only an external
transistor is required for varicap line driving.
FEATURES
s Low Power Consumption (5V, 47mA typ.)
s Prescaler and Preamplifier Included
s Charge Pump Amplifier with Feedback Point
s Charge Pump Disable Facility
s Synthesises Frequencies up to 2.4GHz
s Pin and Function Compatible with SP5060 and
SP5062
s Full ESD Protection*
* Normal ESD handling procedures should be observed.
APPLICATIONS
s Satellite TV
s High IF Cable Tuning Systems
s C-Band with Frequency Doubling Mixer
ORDERING INFORMATION
SP5070 DP
- (14 Lead Plastic Package)
SP5070F MP
- (14 Lead Miniature Plastic Package)
Fig.1 Pin connections - top view
Fig.2 Block diagram of SP5070
RF IN
RF IN
OSCILLATOR
CAPACITOR
REF IN/
CRYSTAL
TEST 1 TEST 2
CPDIS
PUMP
DRIVE
V
CC
V
EE
FDIV
FCOMP
CHARGE
PUMP
FIXED
MODULUS
DIVIDER
÷8192
8
7
1
6
11
13
14
9
10
2
3
OUTPUT
BUFFER
COMP
PHASE
PRESCALER
÷32
PRE
AMP
REFERENCE
DIVIDER
÷1024
SP5070
2.GHz Fixed Modulus Frequency Synthesiser
DS3966-2.2 May 996


Similar Part No. - SP5070

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP507 SIPEX-SP507 Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP507 SIPEX-SP507 Datasheet
614Kb / 30P
Multi-Protocol Serial Transceivers
SP507 SIPEX-SP507 Datasheet
430Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP507 EXAR-SP507 Datasheet
857Kb / 28P
5V Single Chip WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP507CB SIPEX-SP507CB Datasheet
555Kb / 28P
5V, Single Chip WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP5070

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8802 MITEL-SP8802 Datasheet
93Kb / 5P
3.3GHz 첨 2 fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
10-GHz Fixed Modulus 첨 8
ZL40800 ZARLINK-ZL40800 Datasheet
419Kb / 12P
6 GHz Fixed Modulus Prescalers
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
ZL40804 ZARLINK-ZL40804 Datasheet
442Kb / 13P
6 GHz FIXED MODULUS DEVIDE 4
ZL40803 ZARLINK-ZL40803 Datasheet
404Kb / 12P
6 GHz FIXED MODULUS DEVIDE 2
ZL40804 ZARLINK-ZL40804_06 Datasheet
733Kb / 13P
6 GHz Fixed Modulus 첨 4
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com