Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5070 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5070
Description  2.GHz Fixed Modulus Frequency Synthesiser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5070 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5070 Datasheet HTML 1Page - Mitel Networks Corporation SP5070 Datasheet HTML 2Page - Mitel Networks Corporation SP5070 Datasheet HTML 3Page - Mitel Networks Corporation SP5070 Datasheet HTML 4Page - Mitel Networks Corporation SP5070 Datasheet HTML 5Page - Mitel Networks Corporation SP5070 Datasheet HTML 6Page - Mitel Networks Corporation SP5070 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SP5070
4
Fig.5 Typical input sensitivity
Fig.6 Typical input impedance
Fig.7 SP5070 input/output interface circuits
S11:Z0 = 50Ω
FREQUENCY MARKER
STEP = 500MHz
RF input
Loop amplifier
Reference oscillator
TEST 1and TEST 2 outputs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com