Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5070 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5070
Description  2.GHz Fixed Modulus Frequency Synthesiser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5070 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5070 Datasheet HTML 1Page - Mitel Networks Corporation SP5070 Datasheet HTML 2Page - Mitel Networks Corporation SP5070 Datasheet HTML 3Page - Mitel Networks Corporation SP5070 Datasheet HTML 4Page - Mitel Networks Corporation SP5070 Datasheet HTML 5Page - Mitel Networks Corporation SP5070 Datasheet HTML 6Page - Mitel Networks Corporation SP5070 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SP5070
3
FUNCTIONAL DESCRIPTION
The SP5070, when used with a voltage controlled
oscillator, forms a complete phase locked loop frequency
synthesiser.
The
phase
comparator
comparison
frequency
is
obtained by dividing the reference frequency. This may be
generated on-chip by means of an external crystal, or from
an external reference oscillator.
The output of the prescaler is divided by the fixed
modulus divider, producing an output frequency which is
phased locked to the comparison frequency.
The divider stages are arranged to give a fixed ratio
between the synthesised frequency and the reference of
256:1. Any frequency within the range of 300MHz to 2.4GHz
may be achieved by using the appropriate reference or
crystal frequency.
A single external transistor, driven from the charge
pump output, provides the output drive necessary for the
oscillator varicap line.
A test facility which disables the charge pump is also
provided. This is activated when a negative voltage is
applied to pin 11, see electrical characteristics above. When
the device is in this mode, FCOMP and FDIV are also available
at outputs TEST1 and TEST2 respectively. These are open
collector outputs and are each capable of sinking a minimum
of 1mA. In normal mode of operation these outputs are high
impedance.
For compatibility with SP5060/SP5062, pin 11 may be
connected toVCC
Fig.3 Typical application and test circuit (1024MHz with 4MHz reference crystal)
Fig.4 Application using external reference oscillator
1
2
3
4
5
6
7
14
13
12
11
DP14
10
9
8
S
P
5
0
7
0
+5V
1n
1n
FROM
VCO
2N3904
10K
47K
10n
22K
22K
47n
180n
+30V
100p
FROM
REFERENCE
OSCILLATOR
VARICAP
INPUT
VCO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
S
P
5
0
7
0
+5V
1n
1n
FROM
VCO
2N3904
10K
47K
10n
22K
22K
47n
180n
+30V
68p
4MHz
REFERENCE
CRYSTAL
VARICAP
INPUT
VCO
47P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com