Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5070 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5070
Description  2.GHz Fixed Modulus Frequency Synthesiser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5070 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5070 Datasheet HTML 1Page - Mitel Networks Corporation SP5070 Datasheet HTML 2Page - Mitel Networks Corporation SP5070 Datasheet HTML 3Page - Mitel Networks Corporation SP5070 Datasheet HTML 4Page - Mitel Networks Corporation SP5070 Datasheet HTML 5Page - Mitel Networks Corporation SP5070 Datasheet HTML 6Page - Mitel Networks Corporation SP5070 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SP5070
2
ELECTRICAL CHARACTERISTICS
Tamb = -40°C to +85°C,VCC = +4.5V to +5.5V. These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristics
Symbol
Pin
Min
Value
Typ
Max
Units
Conditions
Supply current
ICC
1
-
47
55
mA
VCC = 5V
Prescaler input voltage
Prescaler input voltage
2,3
2,3
50
100
-
-
300
300
mVRMS
mVRMS
300MHz to 1.8GHz sinewave
2.4GHz, see Fig.5
Prescaler input impedance
Input capacitance
2,3
2,3
-
-
50
2
-
-
Ω
pF
Charge pump output current
Charge pump output leakage
Drift due to leakage
Charge pump drive output
current
Charge pump amplifier gain
8
8
-
7
-
-
-
-
1
-
±100
-
-
-
6400
-
±5
5
-
-
µA
nA
mV/s
mA
-
V pin 8 = 2.0V
V pin 8 = 2.0V
At collector of External
Varicap Drive transistor
V pin 7 = 0.7V
pin 7 current 100µa
Oscillator temperature stability
Oscillator stability with
supply voltage
9,10
9,10
-
-
-
-
2
2
ppm/°C
ppm/V
Reference clock frequency
External reference amplitude
10
10
2
150
-
-
10
500
MHz
mVRMS
Charge pump disable/TEST 1
and TEST 2/enable
Charge pump disable leakage
11
11
-250
-
-
-
-500
10
µA
µA
VIN<0V
V pin 11= VCC
TEST 1/TEST 2 sink current
13,14
1
-
-
mA
VOUT = 0.7V
TEST 1/TEST 2 leakage current
13,14
-
-
10
µA
VOUT = VCC+0.3V
TEST 1/TEST 2 voltage
13,14
-
-
VCC+0.3
V
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE = 0V
Characteristics
Pin
Value
Units
Min
Max
Supply voltage
RF input voltage
RF input DC offset
Charge pump DC offset
Charge pump disable
Drive DC offset
Crystal oscillator DC offset
TEST outputs
Storage temperature
Junction temperature
DP14 thermal resistance, chip-to-ambient
DP14 thermal resistance, chip-to-case
MP14 thermal resistance, chip-to-ambient
MP14 thermal resistance, chip-to-case
Power consumption at 5.5V
1
2,3
2,3
8
11
7
9,10
13,14
-
-
-
-
-
-
-
-0.3
-
-0.3
-0.3
-0.7
-0.3
-0.3
-0.3
-55
-
-
-
-
-
-
7
2.5
VCC+0.3
VCC+0.3
VCC+0.3
VCC+0.3
VCC+0.3
VCC+0.3
150
+150
78
30
123
45
275
V
Vp-p
V
V
V
V
V
V
°C
°C
°C/W
°C/W
°C/W
°C/W
mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com