Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP682 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP682
Description  Ultra-Low Power Inverting Voltage Doubler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP682 Datasheet(HTML) 3 Page - Sipex Corporation

  SP682 Datasheet HTML 1Page - Sipex Corporation SP682 Datasheet HTML 2Page - Sipex Corporation SP682 Datasheet HTML 3Page - Sipex Corporation SP682 Datasheet HTML 4Page - Sipex Corporation SP682 Datasheet HTML 5Page - Sipex Corporation SP682 Datasheet HTML 6Page - Sipex Corporation SP682 Datasheet HTML 7Page - Sipex Corporation SP682 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Date: 5/20/04
SP682 Micro Power Inverting Charge Pump
© Copyright 2004 Sipex Corporation
about 12kHz (20kHz maximum) which con-
serves power as opposed to higher frequency
which operation typically draws more power
from V
CC. The external charge pump capacitors
specified are 3.3
µF but the absolute minimum
should be 1
µF.
EFFICIENCY INFORMATION
A charge pump theoretically produces a doubled
voltage at 100% efficiency. However in the real
world, there is a small voltage drop on the output
which reduces the output efficiency. The SP682
can usually run 99.9% efficient without driving
a load. While driving a 1k
Ω load, the SP682
remains over 90% efficiency.
Output Voltage Efficiency = V
OUT / (–2*VCC);
V
OUT = –2*VCC + VDROP
V
DROP = (IOUT)*(ROUT)
Power Loss = I
OUT*(VDROP)
The efficiency changes as the external charge
pump capacitors are varied. Larger capacitor
values will strengthen the output and reduce
output ripple. Although smaller capacitors will
cost less and save board space, lower values will
reduce the output drive capability and also in-
crease the output ripple.
Figure 3. Charge Pump Phase 2
Figure 2. Charge Pump Phase 1
The SP682's charge pump design is a simpli-
fied version of Sipex's original patented charge
pump design (5,306,954) except that it only
generates a negative output. The charge pump
utilizes external capacitors to store the charge.
Figure 1 shows the waveform found on the
negative side of capacitor C2. There is a free–
running oscillator, running at 12kHz, that con-
trols the two phases of the voltage shifting. A
description of each phase follows.
Phase 1
V
OUT charge storage — During this phase of
the clock cycle, the positive side of capacitors
C
1 and C2 are initially charged to +5V. Cl
+ is
then switched to ground and the charge on C
1
is transferred to C
2
. Since C
2
+ is connected to
+5V, the voltage potential across capacitor C
2
is now 10V.
Phase 2
V
OUT transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VOUT
storage capacitor and the positive terminal of
C
2 to ground, and transfers the generated –l0V
to C
3.
Simultaneously, the positive side of
capacitor C
1 is switched to +5V and the nega-
tive side is connected to ground.
The oscillator frequency or clock rate for the
charge pump is designed for low power opera-
tion. The oscillator operates at a frequency of
Figure 1. Charge Pump Waveform
VCC = +5V
–5V
–5V
+5V
C1
C2
++
VOUT Storage Capacitor
C3
+
VCC = +5V
–10V
C1
C2
++
VOUT Storage Capacitor
C3
+
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com