Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP682 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP682
Description  Ultra-Low Power Inverting Voltage Doubler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP682 Datasheet(HTML) 1 Page - Sipex Corporation

  SP682 Datasheet HTML 1Page - Sipex Corporation SP682 Datasheet HTML 2Page - Sipex Corporation SP682 Datasheet HTML 3Page - Sipex Corporation SP682 Datasheet HTML 4Page - Sipex Corporation SP682 Datasheet HTML 5Page - Sipex Corporation SP682 Datasheet HTML 6Page - Sipex Corporation SP682 Datasheet HTML 7Page - Sipex Corporation SP682 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Date: 5/20/04
SP682 Micro Power Inverting Charge Pump
© Copyright 2004 Sipex Corporation
■ Low Power Voltage Conversion
■ +2.4V to +5.5V Input Range
■ 99% Voltage Conversion Efficiency
■ Typical 60µA Supply Current
■ Requires Only Three External Capacitors
■ Includes Low Power Shutdown Option
■ Ideal in Portable Applications Such As
Handheld Instruments
Cellular Phones
Personal Digital Assistants
Laptops and Notebooks
■ Pin Compatible Upgrade to Microchip's
TC682
SP682
Micro Power Inverting Charge Pump
TYPICAL APPLICATION CIRCUIT
Corporation
APPLICATIONS
The SP682 is a monolithic charge pump voltage converter that produces a doubled, negative
voltage from a single positive supply. The SP682 charge pump outputs a –10V voltage from
a +5V input. Three external charge pump capacitors are required to support the voltage
conversion and voltage doubling process. An internal oscillator generates a 12kHz clock
which cycles the internal switching that charges the storage and transfer capacitors. The
charge pump architecture is fabricated using a low power BiCMOS process technology.
The SP682 charge pump is ideal for low power applications requiring a typical +3V battery
source such as a lithium cell. Typical applications are handheld instruments, notebook and
laptop computers, cellular phones, and data acquisition or GP systems. The SP682 is
packaged in either 8-pin NSOIC, 8-pin MSOP for surface mount applications, and 8 Pin PDIP.
+2.4V to +5V
1µF
+
GND
VOUT
6
VCC
4
SP682
C1+
C1–
C2+
C2–
C1
C2
7
1
3
5
2
COUT
SD
8
VOUT
-
■ LCD Display
■ Negative bias supply for op amps
■ Serial interface protocol circuits
DESCRIPTION
1
2
3
4
5
6
7
8
C1-
SP682
8 Pin MSOP
GND
VOUT
C2+
SD
C1+
C2-
VCC


Similar Part No. - SP682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
Micro Power Inverting Charge Pump
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6828-5EK SIPEX-SP6828-5EK Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6828-5EK SIPEX-SP6828-5EK Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
More results

Similar Description - SP682

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC682 TELCOM-TC682 Datasheet
80Kb / 6P
INVERTING VOLTAGE DOUBLER
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682 Datasheet
62Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
Ultra Low Power Voltage Detector
logo
Microchip Technology
TC682 MICROCHIP-TC682 Datasheet
546Kb / 14P
Inverting Voltage Doubler
2006
logo
Advanced Monolithic Sys...
AMS682 ADMOS-AMS682_05 Datasheet
70Kb / 7P
INVERTING VOLTAGE DOUBLER
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
Ultra Low-Power Low-Voltage
logo
Microchip Technology
TC682 MICROCHIP-TC682_13 Datasheet
472Kb / 14P
Inverting Voltage Doubler
11/29/12
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
Ultra Low Power Voltage Detector
logo
Solid States Devices, I...
RU0163 SSDI-RU0163_15 Datasheet
221Kb / 2P
ULTRA FAST DOUBLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com