Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EN Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6660EN
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EN Datasheet(HTML) 3 Page - Sipex Corporation

  SP6660EN Datasheet HTML 1Page - Sipex Corporation SP6660EN Datasheet HTML 2Page - Sipex Corporation SP6660EN Datasheet HTML 3Page - Sipex Corporation SP6660EN Datasheet HTML 4Page - Sipex Corporation SP6660EN Datasheet HTML 5Page - Sipex Corporation SP6660EN Datasheet HTML 6Page - Sipex Corporation SP6660EN Datasheet HTML 7Page - Sipex Corporation SP6660EN Datasheet HTML 8Page - Sipex Corporation SP6660EN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
3
NOTE 1: Specified output resistance is a combination of internal switch resistance and capacitor ESR.
NOTE 2: In the test circuit capacitors C1 and C2 are 150
µF, 0.2 maximum ESR, tantalum or 22µF, 0.2
maximum ESR, tantalum. Capacitors with higher ESR may reduce output voltage and efficiency.
Refer to Capacitor Selection section.
NOTE 3: Specified output resistance is a combination of internal switch resistance and capacitor ESR.
Refer to Capacitor Selection section.
NOTE 4: Typical value indicates start-up voltage.
SPECIFICATIONS (continued)
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
2
2
h
t
i
w
y
c
n
e
u
q
e
r
F
h
g
i
H
t
a
t
i
u
c
r
i
C
r
e
t
r
e
v
n
I
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
+
V
=
C
F
,
F
µ
2
2
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
1
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
17
9
.
05
2
.
4V
R
L
0
0
5
=
Ω
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S6
.
05
.
1A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O8
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
40
80
6
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O0
.
50
1
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P6
8
0
8
3
6
2
9
6
8
1
7
%
R
L
0
0
5
=
Ω
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
2
2
h
t
i
w
y
c
n
e
u
q
e
r
F
h
g
I
H
t
a
t
i
u
c
r
i
C
r
e
l
b
u
o
D
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
+
V
=
C
F
,
F
µ
2
2
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
2
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
26
.
15
2
.
4V
R
L
k
1
=
Ω
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S6
.
05
.
1A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O8
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
40
80
6
1z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O0
.
50
1
Ω
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P0
9
9
8
9
7
4
9
3
9
5
8
%
R
L
K
1
=
Ω
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com