Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6660EN
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6660EN Datasheet HTML 2Page - Sipex Corporation SP6660EN Datasheet HTML 3Page - Sipex Corporation SP6660EN Datasheet HTML 4Page - Sipex Corporation SP6660EN Datasheet HTML 5Page - Sipex Corporation SP6660EN Datasheet HTML 6Page - Sipex Corporation SP6660EN Datasheet HTML 7Page - Sipex Corporation SP6660EN Datasheet HTML 8Page - Sipex Corporation SP6660EN Datasheet HTML 9Page - Sipex Corporation SP6660EN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
6
Inverter
Doubler
HF
LF
HF
LF
Figure 3A and 3B Supply Current vs. Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.6V, TAMB = 25
oC unless otherwise noted. LF = Low Frequency, FC = Open, C1 = C2 = 150
µF.
HF = High Frequency, FC = V+, C1 = C2 = 22
µF. Inverter Circuit use Figure 1. Doubler Circuit use Figure 2.
Figure 4. Supply Current vs. Oscillator Frequency
Supply Voltage (V)
Supply Voltage (V)
3A: Doubler
3B: Inverter
Oscillator Frequency (kHz)
4
3
2
1
0
1
10
100
1000
0.8
0.6
0.4
0.2
0
1
1.5
2
2.5
3
3.5
4
4.5
0.6
0.5
0.4
0.3
0.2
0.1
0
1.5
2
2.5
3
3.5
4
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com