Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BAS40 Datasheet(HTML) 1 Page - Frontier Electronics.

  BAS40 Datasheet HTML 1Page - Frontier Electronics. BAS40 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40 / 04 / 05 / 06
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http: //www.frontierusa.com
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS40 / 04 / 05 / 06
FEATURES
LOW TURN-ON VOLTAGE
FAST SWITCHING
PN JUNCTION GUARD RING FOR TRANSIENT AND
ESD PROTECTION
MECHANICAL DATA
CASE: SOT-23, PLASTIC
TERMINALS: SOLDERABLE PER MIL-STD-202,
METHOD 208
WEIGHT: 0.008 GRAM
POLARITY: SEE DIAGRAM
RATING
SYMBOL
VALUE
UNITS
PEAK REPETITIVE REVERSE VOLTAGE
WORKING PEAK REVERSE VOLTAGE
DC BLOCKING VOLTAGE
VRRM
VRWM
VR
40
V
POWER DISSIPATION
(NOTE 1)
Pd
225
mW
THERMAL RESISTANCE. JUNCTION TO AMBIENT AIR
RθJA
1.8
m W /
°C
OPERATING AND STORAGE TEMPERATURE RANGE
TJ, TSTG
-55 TO +150
°C
ELECTRICAL CHARACTERISTICS @ TA=25°C UNLESS OTHERWISE SPECIFIED
CHARACTERISTICS
SYMBOL
Min.
Max.
Unit
BREAKDOWN VOLTAGE
(IR=10uA)
V(BR)R
40
-
Volts
TOTAL CAPACITANCE
(VR = 1.0V,F = 1.0 MHz)
CT
-
5.0
PF
REVERSE LEAKAGE
(VR = 25V)
IR
-
1.0
uAdc
FORWARD VOLTAGE
(IF = 0.1 mAdc)
VF
-
380
mVdc
FORWARD VOLTAGE
(IF = 30 mAdc)
VF
-
500
mVdc
FORWARD VOLTAGE
(IF = 100 mAdc)
VF
-
1.0
Vdc
E
SOT-23
DIM
Min
Max
A
0.30
0.51
B
1.20
1.60
C
2.10
3.00
D
0.85
1.05
E
0.45
1.00
G
1.70
2.10
H
2.70
3.10
J
0.00
0.13
K
0.89
1.30
L
0.30
0.61
M
0.076
0.25
All Dimensions in mm
TOP VIEW
BAS40
TOP VIEW
BAS40-06
TOP VIEW
BAS40-05
TOP VIEW
BAS40-04
B
C
D
G
H
M
L
J
K
A
3
1
2
TOP VIEW


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com