Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BAS40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BAS40 Datasheet(HTML) 2 Page - Frontier Electronics.

  BAS40 Datasheet HTML 1Page - Frontier Electronics. BAS40 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS40 / 04 / 05 / 06
Page: 2
RATINGS AND CHARACTERISTIC CURVE BAS40 / 04 / 05 / 06
0
0.1 0.2 0.3 0.4 0.5
0.6 0.7 0.8
100
10
1.0
0.1
150
℃
125
℃
85
℃
25
℃
-55
℃
-40
℃
FIG 1.
TYPICAL FORWARD VOLTAGE.
VF, FORWARD VOLTAGE
(V)
0 5.0 10 15 20 25 30 35 40
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FIG 3.
TYPICAL CAPACITANCE
VR , REVERSE VOLTAGE
(V)
100
10
1.0
0.1
0.01
0.001
0
5.0
10
15
20
26
FIG 2.
REVERSE CURRENT VALUES REVERSE.
VOLTAGE
VR, REVERSE VOLTAGE
(V)
TA = 150
℃
125
℃
85
℃
25
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com