Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS042C Datasheet(PDF) 4 Page - Frontier Electronics.

Part # CSS042C
Description  Tape and Reel Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS042C Datasheet(HTML) 4 Page - Frontier Electronics.

  CSS042C Datasheet HTML 1Page - Frontier Electronics. CSS042C Datasheet HTML 2Page - Frontier Electronics. CSS042C Datasheet HTML 3Page - Frontier Electronics. CSS042C Datasheet HTML 4Page - Frontier Electronics. CSS042C Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tape & Reel Specification for SMD products
Rev. T
Oct. 15, 2006. Page: 4 of 4
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tape and Reel Specifications
SMD Power Choke
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
CSN054B
340
100
13
29.5
24.5
24
12
4
2
5.80
0.36
---
1,000
1,000
8,000
CSN075B
340
100
13
29.5
24.5
24
12
4
2
6.00
0.36
---
800
800
6,400
CSN105B
340
100
13
29.5
24.5
24
16
4
2
6.00
0.36
---
600
600
4,800
CSS054B
340
100
13
29.5
24.5
24
12
4
2
6.00
0.36
---
800
800
6,400
CSS075B
340
100
13
29.5
24.5
24
16
4
2
6.00
0.36
---
600
600
4,800
CSS105B
340
100
13
29.5
24.5
24
20
4
2
6.00
0.36
---
500
500
4,000
CSN032D
180
50
13
18.4
12.5
12
8
4
2
2.85
0.35
900
---
3,600
21,600
CSN043D
340
100
13
16.5
12.5
12
8
4
2
3.40
0.35
---
2,250
4,500
13,500
CSN054D
340
100
13
21.5
16.5
16
12
4
2
5.00
0.30
---
1,200
2,400
7,200
CSN073D
340
100
13
21.5
16.5
16
12
4
2
4.15
0.35
---
1,400
2,800
8,400
CSN075D
340
100
13
21.5
16.5
16
12
4
2
5.80
0.30
---
1,000
2,000
6,000
CSN104D
340
100
13
29.5
24.5
24
12
4
2
4.80
0.30
---
1,200
1,200
4,800
CSN105D
340
100
13
29.5
24.5
24
16
4
2
6.40
0.30
---
700
700
2,800
CSS054D
340
100
13
29.5
24.5
24
12
4
2
6.00
0.36
---
800
800
6,400
CSS063D
340
100
13
21.5
16.5
16
12
4
2
5.00
0.30
---
1,600
1,600
12,800
CSS075D
340
100
13
29.5
24.5
24
16
4
2
6.40
0.30
---
700
700
2,800
CSS105D
340
100
13
29.5
24.5
24
16
4
2
6.00
0.36
---
500
500
4,000
CSN042A
178
50
13
21.5
16.5
16
8
4
2
2.00
0.30
1,000
---
5,000
30,000
CSN042C
340
100
13
21.5
16.5
16
8
4
2
3.70
0.30
---
2,500
5,000
15,000
CSC042A
178
50
13
20.5
16.5
16
8
4
2
2.00
0.30
1,000
---
5,000
30,000
CSS042C
340
100
13
20.5
16.5
16
8
4
2
3.70
0.30
---
2,500
5,000
15,000
CST042C
340
100
13
20.5
16.5
16
8
4
2
3.70
0.30
---
2,500
5,000
15,000
CSN0810S
340
100
13
37.5
32.5
32
20
4
2
11.30
0.40
---
250
250
2,000
CSN082S
340
100
13
29.5
24.5
24
16
4
2
4.15
0.30
---
1,000
1,000
4,000
CSN084S
340
100
13
29.5
24.5
24
16
4
2
6.25
0.35
---
500
500
4,000
CSH084S
340
100
13
29.5
24.5
24
16
4
2
6.60
0.35
---
700
700
5,600
CSS084S
340
100
13
29.5
24.5
24
16
4
2
6.60
0.35
---
700
700
5,600
CST084S
340
100
13
29.5
24.5
24
16
4
2
6.60
0.35
---
500
500
4,000
CST084F
340
100
12
29.5
24.5
24
16
4
2
5.85
0.35
---
700
700
5,600
CSN136S
340
100
13
37.5
32.5
32
24
4
2
8.50
0.35
---
350
350
2,800
CSN136F
340
100
13
38.4
32.5
32
20
4
2
7.65
0.35
---
350
350
2,800
CSH1250S
340
100
13
30.4
24.5
24
16
4
2
6.50
0.35
---
500
500
4,000
CSH1260S
340
100
13
30.4
24.5
24
16
4
2
6.80
0.35
---
500
500
4,000
CSH1260ER 340
100
13
30.4
24.5
24
16
4
2
6.30
0.40
---
500
500
4,000
CSH1560SR
330
100
13
31.5
24.5
24
20
4
2
6.30
0.40
---
500
500
4,000
CSH136S
340
100
13
38.4
32.5
32
20
4
2
7.60
0.35
---
450
450
3,600
CSS136S
340
100
13
37.5
32.5
32
24
4
2
8.50
0.35
---
350
350
2,800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com