Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS042C Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS042C
Description  Tape and Reel Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS042C Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS042C Datasheet HTML 1Page - Frontier Electronics. CSS042C Datasheet HTML 2Page - Frontier Electronics. CSS042C Datasheet HTML 3Page - Frontier Electronics. CSS042C Datasheet HTML 4Page - Frontier Electronics. CSS042C Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tape & Reel Specification for SMD products
Rev. T
Oct. 15, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
Tape and Reel Specifications
SMD RF Multi-layer Ferrite Chip Beads
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
100505
(0402)
178
75
13
12.5
10
8
2
4
2
0.8
0.23
10,000
---
500,000
160808
(0603)
178
75
13
12.5
10
8
4
4
2
1.05
0.23
4,000
---
200,000
201209
(0805)
178
75
13
12.5
10
8
4
4
2
1.04
0.23
4,000
---
200,000
321611
(1206)
178
75
13
12.5
10
8
4
4
2
1.27
0.23
3,000
---
150,000
321616
(1206)
178
75
13
12.5
10
8
4
4
2
1.78
0.23
2,000
---
100,000
322513
(1210)
178
75
13
12.5
10
8
4
4
2
1.43
0.23
2,000
---
100,000
451616
(1806)
178
75
13
16.5
14
12
4
4
2
1.93
0.23
2,000
---
80,000
453215
(1812)
178
75
13
16.5
14
12
8
4
2
1.83
0.23
1,000
---
40,000
SMD RF Multi-layer Ceramic/Ferrite Chip Inductors
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
Series
P/N
A
B
C
D
E
W
P
P0
P1
H
T
7”
13”
Box
Carton
TF100505
(0402)
178
75
13
12.5
10
8
2
4
2
0.8
0.23
10,000
---
500,000
TF160808
(0603)
178
75
13
12.5
10
8
4
4
2
1.05
0.23
4,000
---
200,000
FL160808
(0603)
178
75
13
12.5
10
8
4
4
2
1.05
0.23
4,000
---
200,000
TF201209
(0805)
178
75
13
12.5
10
8
4
4
2
1.04
0.23
4,000
---
200,000
TF201212
(0805)
178
75
13
12.5
10
8
4
4
2
1.60
0.23
2,000
---
100,000
FL201209
(0805)
178
75
13
12.5
10
8
4
4
2
1.04
0.23
4,000
---
200,000
FL201212
(0805)
178
75
13
12.5
10
8
4
4
2
1.60
0.23
2,000
---
100,000
FL321611
(1206)
178
75
13
12.5
10
8
4
4
2
1.27
0.23
3,000
---
150,000
FL321616
(1206)
178
75
13
12.5
10
8
4
4
2
1.78
0.23
2,000
---
100,000


Similar Part No. - CSS042C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
SMD Power Choke
CSS042C-100M FRONTIER-CSS042C-100M Datasheet
136Kb / 2P
SMD Power Choke
CSS042C-101M FRONTIER-CSS042C-101M Datasheet
136Kb / 2P
SMD Power Choke
CSS042C-102M FRONTIER-CSS042C-102M Datasheet
136Kb / 2P
SMD Power Choke
CSS042C-103M FRONTIER-CSS042C-103M Datasheet
136Kb / 2P
SMD Power Choke
More results

Similar Description - CSS042C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
84068 VISHAY-84068 Datasheet
374Kb / 5P
Tape and Reel Standards
07-Jan-03
logo
Reed Relays and Electro...
R3-S RRE-R3-S Datasheet
95Kb / 1P
Tape and reel specifications
R2B RRE-R2B Datasheet
96Kb / 1P
Tape and reel specifications
logo
Texas Instruments
TPS51610IRHBR TI1-TPS51610IRHBR Datasheet
905Kb / 13P
TAPE AND REEL INFORMATION
logo
Analog Devices
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
Anaren Microwave
1D1304-3 ANAREN-1D1304-3 Datasheet
343Kb / 2P
Tape And Reel
X3DC07P1S ANAREN-X3DC07P1S Datasheet
455Kb / 6P
Tape and Reel
X3DC21P1S ANAREN-X3DC21P1S Datasheet
467Kb / 6P
Tape and Reel
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
09-May-2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com