Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP774BJ Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP774BJ
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP774BJ Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP774BJ Datasheet HTML 7Page - Sipex Corporation SP774BJ Datasheet HTML 8Page - Sipex Corporation SP774BJ Datasheet HTML 9Page - Sipex Corporation SP774BJ Datasheet HTML 10Page - Sipex Corporation SP774BJ Datasheet HTML 11Page - Sipex Corporation SP774BJ Datasheet HTML 12Page - Sipex Corporation SP774BJ Datasheet HTML 13Page - Sipex Corporation SP774BJ Datasheet HTML 14Page - Sipex Corporation SP774BJ Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
13
STAND–ALONE MODE TIMING CHARACTERISTICS
Typical @ 25˚C, V
CC= +15V or +12V, VLOGIC = +5V, VEE =0V, unless otherwise specified.
PARAMETER
MIN.
TYP .
MAX.
UNITS
CONDITIONS
tHRL Low R/C Pulse Width 2
50
ns
tDS
STS Delay from R/C 2
200
ns
tHDR Data Valid After R/C Low 2
25
ns
tHS
STS Delay After Data Valid 2
300
1000
ns
tHRH High R/C Pulse Width
150
ns
tDDR Data Access Time
150
ns
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
R/C
STS
DB11–DB0
tHRL
DATA VALID
tDS
DATA VALID
tC
tHS
tHDR
Figure 8. Low Pulse for R/C — Outputs Enabled After Conversion
Figure 9. High Pulse For R/C — Outputs Enabled While R/C is High, Otherwise High Impedance
R/C
STS
DB11–DB0
DATA VALID
tDS
tC
tHRH
HIGH–Z
HIGH–Z
tDDR
tHDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com