Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP774BJ Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP774BJ
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP774BJ Datasheet(HTML) 4 Page - Sipex Corporation

  SP774BJ Datasheet HTML 1Page - Sipex Corporation SP774BJ Datasheet HTML 2Page - Sipex Corporation SP774BJ Datasheet HTML 3Page - Sipex Corporation SP774BJ Datasheet HTML 4Page - Sipex Corporation SP774BJ Datasheet HTML 5Page - Sipex Corporation SP774BJ Datasheet HTML 6Page - Sipex Corporation SP774BJ Datasheet HTML 7Page - Sipex Corporation SP774BJ Datasheet HTML 8Page - Sipex Corporation SP774BJ Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
4
TYPICAL AC DYNAMICS
Measurement/Model
SP574B
SP674B
SP1674B
SP774B
Unit
Test Conditions:
Sampling Rate
40
67
100
125
kHz
Input Frequency (F
IN )
19314961
kHz
SFDR
90
85
80
77
dB
THD
-80
-80
-77
-76
dB
SINAD
72
72
71
71
dB
SNR
72.5
72.5
72.5
72.5
dB
Note:
1.
Refer to Figure 10, for typical FFT at Nyquist sampling rate.
SPECIFICATIONS (continued)
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
POWER REQUIREMENTS
V
LOGIC
+4.5
+5.5
V
I
LOGIC
SP574B
13
mA
SP674B
13
mA
SP1674B
13
mA
SP774B
13
mA
V
CC
+11.4
+16.5
V
I
CC
SP574B
79
mA
SP674B
79
mA
SP1674B
10
12.5
mA
SP774B
10
12.5
mA
POWER DISSIPATION
SP574B
110
150
mW
SP674B
110
150
mW
SP1674B
155
200
mW
SP774B
155
200
mW
ENVIRONMENTAL
Operating Temperature Range
–J, –K
0
+70
°C
–A, –B
–40
+85
°C
–S, –T
–55
+125
°C
Storage Temperature Range
–J, –K
–40
+85
°C
–A, –B, –S, –T
–65
+150
°C
Notes:
1.
Available for external loads. External load should not change during conversion. When supplying an
external load and operating on a +12V supply, a buffer amplifier must be provided for the reference
output.
2.
Minimum resolution for which no missing codes are guaranteed.
3.
Externally adjustable to zero. See
Calibration information.
4.
Fixed 50
Ω resistor between REF OUT and REF IN.
5.
Specifications are identical for all models unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com