Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8530 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8530
Description  S2ADC - Simultaneous Sampling Analog to Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8530 Datasheet(HTML) 1 Page - Sipex Corporation

  SP8530 Datasheet HTML 1Page - Sipex Corporation SP8530 Datasheet HTML 2Page - Sipex Corporation SP8530 Datasheet HTML 3Page - Sipex Corporation SP8530 Datasheet HTML 4Page - Sipex Corporation SP8530 Datasheet HTML 5Page - Sipex Corporation SP8530 Datasheet HTML 6Page - Sipex Corporation SP8530 Datasheet HTML 7Page - Sipex Corporation SP8530 Datasheet HTML 8Page - Sipex Corporation SP8530 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP8530DS/01
SP8530 S2ADC
TM - Simultaneous Sampling Analog to Digital Converter
© Copyright 2000 Sipex Corporation
1
s Patented Simultaneous Sampling of
2 channels (Patent # 5,638,072)
s 12 Bit Resolution
s Single +5Volt Supply
s Internal Reference, 1.25V
s Unipolar 0 to +2.5 Volt Input Range
s Fast, 7.75
µs Conversion Time Both
Channels
SP8530
S2ADC™ - Simultaneous Sampling
Analog to Digital Converter
s Fast Power Shutdown/Turn-On Mode
s 3-Wire Synchronous Serial High Speed
Interface
s True Differential Measurements
s 2
µA Shutdown Mode (10µW)
s Low Power CMOS 60mW typical
DESCRIPTION
The SP8530 is a two channel simultaneous sampling, 12-Bit serial out data acquisition system.
The device contains a high speed 12-Bit analog to digital converter, internal reference, and
sample/hold circuitry for both channels. The 8530 is available in 16-pin PDIP and SOIC packages,
specified over Commercial and Industrial temperature ranges.
™-S2ADC is a TRADEMARK OF SIPEX CORPORATION Patent Pending
CONTROL
LOGIC
COUNTER
SAR
DAC
LATCHED
COMPARATOR
BUFFER
STATUS
DOUT
REF.
CS
SCLK
VIN A
VIN B
OFFSET
ADJUST
PD
GAIN
ADJUST
REF OUT
RTRIM
®


Similar Part No. - SP8530

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
SP8531AN SIPEX-SP8531AN Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
SP8531AS SIPEX-SP8531AS Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
SP8531BN SIPEX-SP8531BN Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
SP8531BS SIPEX-SP8531BS Datasheet
254Kb / 16P
12-Bit Sampling Serial Out Analog to Digital Converter
More results

Similar Description - SP8530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555 Datasheet
817Kb / 36P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_14 Datasheet
1Mb / 37P
16-Bit, Six-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8555 TI1-ADS8555_16 Datasheet
1Mb / 43P
16-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com