Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8530 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP8530
Description  S2ADC - Simultaneous Sampling Analog to Digital Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8530 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP8530 Datasheet HTML 4Page - Sipex Corporation SP8530 Datasheet HTML 5Page - Sipex Corporation SP8530 Datasheet HTML 6Page - Sipex Corporation SP8530 Datasheet HTML 7Page - Sipex Corporation SP8530 Datasheet HTML 8Page - Sipex Corporation SP8530 Datasheet HTML 9Page - Sipex Corporation SP8530 Datasheet HTML 10Page - Sipex Corporation SP8530 Datasheet HTML 11Page - Sipex Corporation SP8530 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SP8530DS/01
SP8530 S2ADC
TM - Simultaneous Sampling Analog to Digital Converter
© Copyright 2000 Sipex Corporation
12
ORDERING INFORMATION
Model segment
Model ..................................................... INL Linearity (LSB) ....... Temperature Range ............................................... Package Types
SP8530JN ...........................................................
±1.0 ........................... 0˚C to +70˚C .......................................... 16-pin, 0.3" Plastic DIP
SP8530JS ...........................................................
±1.0 ........................... 0˚C to +70˚C .................................................... 16-pin, 0.3" SOIC
SP8530KN .........................................................
±0.75 .......................... 0˚C to +70˚C .......................................... 16-pin, 0.3" Plastic DIP
SP8530KS .........................................................
±0.75 .......................... 0˚C to +70˚C .................................................... 16-pin, 0.3" SOIC
SP8530AN ..........................................................
±1.0 ......................... -40˚C to +85˚C ........................................ 16-pin, 0.3" Plastic DIP
SP8530AS ..........................................................
±1.0 ......................... -40˚C to +85˚C .................................................. 16-pin, 0.3" SOIC
SP8530BN .........................................................
±0.75 ........................ -40˚C to +85˚C ........................................ 16-pin, 0.3" Plastic DIP
SP8530BS .........................................................
±0.75 ........................ -40˚C to +85˚C .................................................. 16-pin, 0.3" SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com