Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1004 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1004
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Date: 5/25/04
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
Electrical characteristics are guaranteed over full junction tepmerature range (0
°C to 70°C). Ambient tepmerature must be
derated based on power dissipation and package thermal characteristics.
SPX1004-1.2V
SPX1004-2.5V
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Reverse breakdown
I
Z=100µA, TJ=25°C
1.231 1.235 1.239
2.480 2.500 2.520
V
0°C≤T
A≤70°C
1.225 1.235 1.245
2.470 2.500 2.530
Ave Temp. Coeff.
I
min≤IZ≤20mA
20
60
ppm/
°C
Min Operating Current
4
10
12
20
µA
Reverse Breakdown
I
min≤IZ≤1mA
0.5
1
0.5
1
mV
Votlage Change
over temperature
0.5
1.5
0.5
1.5
with Current
1mA≤I
Z≤20mA
6.5
10
6.5
10
over temperature
6.5
20
6.5
20
Reverse Dynamic
I
Z=100µA, f=25Hz
0.2
0.6
0.8
0.9
Ω
Impedance
over temperature
1
1.5
1.5
Wide Band Noise
I
Z=100µA, 10Hz≤f≤10kHz
60
120
µV
Long Term Stability
I
Z=100µA, TA=25°C±0.1°C2060
ppm/
kHr
Operating Temp Range
0
70
0
70
°C
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Forward Current (I
AK).....................................................10mA
Reverse Current (I
KA).....................................................30mA
Lead Temperature (soldering, 10 seconds).................300°C
Storage Temperature Range.......................-65°C to +150°C
Junction Temperature..................................................150°C
Continuous Power Dissipation (P
D)
TO-92.........................................................775mW
SOIC-8.......................................................750mW
SOT-89.....................................................1000mW
VK
015
304560
7590
105
-10
0.5
5000
0
00
0.07 mV/¡C
0.003 %/¡C
27 ppm/¡C
TC in mV/¡C =
TC in % /¡C =
˘VKA
(mV)
˘T
A
˘T
A
˘VKA at 25¡C
˘VKA
x 100
()
TC in ppm/¡C =
˘T
A
˘VKA at 25¡C
˘VKA
x106
()
ppm
%
mV
Junction Temperature (¡C)
Figure 2. V
REF vs Temperature for 2.5V Version
TYPICAL THERMAL RESISTANCES
PACKAGE
0
JA
0
JA
TYPICAL
DERATING
TO-92
160°C/W
80°C/W
6.3 mW/°C
SOIC-8
175°C/W
45°C/W
5.7mW/°C
SOT-89
110°C/W
8°C/W
9.1mW/°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com