Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1004 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1004
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1004 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1004 Datasheet HTML 1Page - Sipex Corporation SPX1004 Datasheet HTML 2Page - Sipex Corporation SPX1004 Datasheet HTML 3Page - Sipex Corporation SPX1004 Datasheet HTML 4Page - Sipex Corporation SPX1004 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Date: 5/25/04
SPX1004 1.2V/2.5V Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
Figure 3. SPX1004-1.2V Reverse Operating Characteristic
Figure 4. SPX1004-2.5 Reverse Operating Characteristic
Figure 5. SPX1004-1.2V Reverse Dynamic Impedance
Figure 6. SPX1004-2.5V Reverse Dynamic Impedance
Figure 7. Forward Characteristics for SPX1004-1.2
Figure 8. Low Frequency Reverse Dynamic Impedance
and SPX1004-2.5
for SPX1004-1.2
TYPICAL PERFORMANCE CHARACTERISTICS
100
10
1
0.1
TA = 0˚C to 70˚C
0.4
0.6
0.8
1.0
1.4
1.2
0
V
R
- Reverse Voltage (V)
0.2
10k
1k
100
10
1
0.1
0.01
0.1
1
10
100
f = Frequency (kHz)
1k
IKA = 100µA
TA = 25°C
10k
1k
100
10
1
0.1
0.01
0.1
1
10
100
f = Frequency (kHz)
1k
IKA = 100µA
TA = 25°C
1.2
0.8
0.4
0.0
0.01
0.1
1
10
100
TA = 25°C
IF = Forward Current (mA)
100
10
1
0.1
0.5
1.0
1.5
2.0
3.0
2.5
0
TA = 0˚C to 70˚C
V
R
- Reverse Voltage (V)
100
10
1
0.1
0.01
0.1
1
10
100
IKA = Reverse Current (mA)
TA = 25°C
f = 25Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com