Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9500AS Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP9500AS
Description  12-Bit, Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9500AS Datasheet(HTML) 9 Page - Sipex Corporation

  SP9500AS Datasheet HTML 1Page - Sipex Corporation SP9500AS Datasheet HTML 2Page - Sipex Corporation SP9500AS Datasheet HTML 3Page - Sipex Corporation SP9500AS Datasheet HTML 4Page - Sipex Corporation SP9500AS Datasheet HTML 5Page - Sipex Corporation SP9500AS Datasheet HTML 6Page - Sipex Corporation SP9500AS Datasheet HTML 7Page - Sipex Corporation SP9500AS Datasheet HTML 8Page - Sipex Corporation SP9500AS Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SP9500DS/04
SP9500 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
9
ORDERING INFORMATION
Model .................................................................................. Temperature Range ....................................................................................... Package
Monolithic 12-Bit DAC Voltage Output:
SP9500JN ................................................................................ 0˚C to +70˚C .......................................................................... 8-pin, 0.3" Plastic DIP
SP9500KN ............................................................................... 0˚C to +70˚C .......................................................................... 8-pin, 0.3" Plastic DIP
SP9500JS ................................................................................ 0˚C to +70˚C ................................................................................. 8–pin, 0.15" SOIC
SP9500KS ............................................................................... 0˚C to +70˚C ................................................................................. 8–pin, 0.15" SOIC
SP9500AN ............................................................................... –40˚C to +85˚C ...................................................................... 8-pin, 0.3" Plastic DIP
SP9500BN ............................................................................... –40˚C to +85˚C ...................................................................... 8-pin, 0.3" Plastic DIP
SP9500AS ............................................................................... –40˚C to +85˚C ............................................................................. 8–pin, 0.15" SOIC
SP9500BS ............................................................................... –40˚C to +85˚C ............................................................................. 8–pin, 0.15" SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com