Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP9500AS Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9500AS
Description  12-Bit, Voltage Output D/A Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9500AS Datasheet(HTML) 4 Page - Sipex Corporation

  SP9500AS Datasheet HTML 1Page - Sipex Corporation SP9500AS Datasheet HTML 2Page - Sipex Corporation SP9500AS Datasheet HTML 3Page - Sipex Corporation SP9500AS Datasheet HTML 4Page - Sipex Corporation SP9500AS Datasheet HTML 5Page - Sipex Corporation SP9500AS Datasheet HTML 6Page - Sipex Corporation SP9500AS Datasheet HTML 7Page - Sipex Corporation SP9500AS Datasheet HTML 8Page - Sipex Corporation SP9500AS Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SP9500DS/04
SP9500 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
4
THEORY OF OPERATION
The SP9500 consists of four main functional
blocks – the input shift register, DAC register,
12-Bit D/A converter and a output buffer
amplifier, Figure 1.
The input shift register is used to convert the
serial input data stream to a parallel 12–Bit
digital word. The input data is shifted on posi-
tive clock (SCLK) edges when the Chip Select
(CS) signal is in the “low” state. The MSB is
loaded first and LSB last. No shifting of the
input data occurs when the Chip Select (CS)
signal is in the “high” state.
The DAC register is used to store the digital
word which is sent to the R–2R DAC. Its value
is updated on the positive transition of the Chip
Select (CS) signal.
The 12–Bit D/A converter is an “inverted” R-2R
ladder network. The DAC itself is implemented
with precision thin-film resistors and CMOS
transmission gate switches. The resistor net-
work is laser-trimmed to achieve better than 12–
Bit accuracy. The D/A converter is used to
convert the 12-bit input word to a precision
voltage.
The operational amplifier is a rail-to-rail input,
rail-to-rail output CMOS amplifier. It is capable
of supplying 1mA of load current in the 1.5 to
3.5 output voltage range. The initial offset volt-
age is laser-trimmed to improve accuracy. Set-
tling time is 7.5
µs for a full scale output transi-
tion to 0.012% accuracy.
INPUT
OUTPUT
MSB
LSB
1111
1111
1111
V
REF
- 1 LSB
1111
1111
1110
V
REF
- 2 LSB
0000
0000
0001
AGND + 1 LSB
0000
0000
0000
AGND
(V
REF-AGND)
2 12
1 LSB =
Table 1. Binary Coding
FEATURES...
The SP9500 is a low power 12–Bit Digital-to-
Analog Converter. The converter features 0.5 to
4.5 volt output swings with a single +5V supply.
The input coding format used is standard binary,
Table 1.
This Digital-to Analog Converter uses a stan-
dard 3–wire interface compatible with SPI,
QSPIand Microwire. The output settling
time is specified at 7.5
µs to full 12-bit accuracy
when driving a 10K
Ω, 10pF load combination.
The SP9500 Digital-to-Analog Converter is
ideally suited for applications such as ATE,
process controllers, robotics and instrumenta-
tion. The SP9500 is available in an 8-pin 0.15"
SOIC and 0.3" PDIP packages, specified over
commercial and industrial temperature ranges.
PIN ASSIGNMENTS
Pin 1- V
OUT
- Voltage Output.
Pin 2- V
DD - +5V Power Supply Input.
Pin 3- SCLK - Serial Clock Input.
Pin 4- D
IN - Serial Data Input.
Pin 5- CS - Chip Select Input.
Pin 6 - DGND - Digital Ground
Pin 7- AGND - Analog Ground.
Pin 8- V
REF - Reference Input.
VOUT
1
2
3
4
8
7
6
5
VDD
DIN
VREF
DGND
CS
AGND
SCLK
SP9500
PINOUT – 8-PIN PLASTIC DIP & SOIC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com