Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8544JS Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8544JS
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8544JS Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP8544JS Datasheet HTML 4Page - Sipex Corporation SP8544JS Datasheet HTML 5Page - Sipex Corporation SP8544JS Datasheet HTML 6Page - Sipex Corporation SP8544JS Datasheet HTML 7Page - Sipex Corporation SP8544JS Datasheet HTML 8Page - Sipex Corporation SP8544JS Datasheet HTML 9Page - Sipex Corporation SP8544JS Datasheet HTML 10Page - Sipex Corporation SP8544JS Datasheet HTML 11Page - Sipex Corporation SP8544JS Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
8
there is no connection made between VDA and
the system power supply.
This is because
the analog supply pin (VDA) is connected
internally to the digital supply pin (VDD) through
a ten ohm resistor.
This connection when combined with a parallel
combination of 6.8
µF tantalum and 0.1µF
ceramic capacitor between VDA and analog
ground, will provide some immunity to noise
which resides on the system supply. To
maintain maximum system accuracy, the
supply connected to the VDD pin should be well
isolated from digital supplies and wide load
variations.
To limit effects of digital switching elsewherein
a system, it often makes sense to run a seperate
+5Vsupply conductor from the supply requlator
to any analog components requiring +5V
including the SP8542 and SP8544. Noise on the
power supply lines can degrade the converters
performance, especially corrupting are noise
and spikes from a switching power supply.
The ground pins (AGND and VSS) on the
SP8542 and SP8544 are separated internally
and should be connected to each other under the
converter. The use of separate Analog & Digital
ground planes is usually the best technique for
preserving dynamic performance and reducing
noise coupling into sensitive converter circuits.
Where any compromise must be made the
common return of the analog input signal should
be referenced to the AGND pin of the converter.
This prevents any voltage drops that might
occur in the power supply common returns from
appearing in series with the input signal.
Coupling between analog and digital lines should
be minimized by careful layout. For instance, if
analog and digital lines must cross they should
do so at right angles. Parallel analog and digital
lines should be separated from each other by a
trace connected to common.
If external gain and offset potentiometers are
used, the potentiometers and related resistors
should be located as close to the SP8542 and
SP8544 as possible.
Minimizing "Glitches"
Coupling of external transients into an analog to
digital converter can cause errors which are
difficult to debug. In addition to the above
discussions on layout considerations, bypassing
and grounding, there are several other useful
steps that can be taken to get the best analog
performance from a system using the SP8542 or
SP8544 converter. These potential system
problem sources are particularly important to
consider when developing a new system, and
looking for causes of errors in breadboards.
First, care should be taken to avoid transients
during critical times in the sampling and
conversion process. Since the SP8542 and
SP0544 have internal sample/hold function the
signal that puts the device into hold state (CS)
going low is critical, as it would be on any
sample/hold amplfier. The
CS falling edge
should have 5 to 10 ns transition time, low jitter,
and have a minimal ringing, especially during
the first 35 ns after it falls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com